Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1317 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1317
Description  Micropower, 600kHz PWM DC/DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1317 Datasheet(HTML) 3 Page - Linear Technology

  LT1317 Datasheet HTML 1Page - Linear Technology LT1317 Datasheet HTML 2Page - Linear Technology LT1317 Datasheet HTML 3Page - Linear Technology LT1317 Datasheet HTML 4Page - Linear Technology LT1317 Datasheet HTML 5Page - Linear Technology LT1317 Datasheet HTML 6Page - Linear Technology LT1317 Datasheet HTML 7Page - Linear Technology LT1317 Datasheet HTML 8Page - Linear Technology LT1317 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LT1317/LT1317B
ELECTRICAL C
C
HARA TERISTICS
Commercial Grade
VIN = 2V, VSHDN = 2V, TA = 25°C unless otherwise noted.
Industrial Grade
VIN = 2V, VSHDN = 2V, – 40°C ≤ TA ≤ 85°C unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IQ
Quiescent Current
Not Switching, VSHDN = 2V (LT1317)
q
160
µA
VSHDN = 0V (LT1317/LT1317B)
q
40
µA
VSHDN = 2V, Switching (LT1317B)
q
7.5
mA
VFB
Feedback Voltage
q
1.20
1.26
V
IB
FB Pin Bias Current (Note 2)
q
80
nA
Input Voltage Range
q
1.7
12
V
gm
Error Amp Transconductance
∆I = 5µA
q
70
140
240
µmhos
Maximum Duty Cycle
q
80
%
Switch Current Limit (Note 3)
VIN = 2.5V, Duty Cycle = 30%
q
550
1350
mA
fOSC
Switching Frequency
q
500
750
kHz
Shutdown Pin Current
VSHDN = VIN
q
0.1
µA
VSHDN = 0V
q
–7
µA
LBI Threshold Voltage
q
180
220
mV
LBO Output Low
ISINK = 10µA
q
0.25
V
LBO Leakage Current
VLBI = 250mV, VLBO = 5V
q
0.1
µA
LBI Input Bias Current (Note 4)
VLBI = 150mV
q
60
nA
Switch Leakage Current
VSW = 5V
q
3
µA
Switch VCE Sat
ISW = 500mA
q
400
mV
Reference Line Regulation
1.8V
≤ VIN ≤ 12V
q
0.15
%/V
SHDN Input Voltage High
q
1.4
6
V
SHDN Input Voltage Low
q
0.4
V
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Shutdown Pin Current
VSHDN = VIN
q
0.015
0.06
µA
VSHDN = 0V
q
– 2.3
– 6
µA
LBI Threshold Voltage
190
200
210
mV
q
180
200
220
mV
LBO Output Low
ISINK = 10µA
q
0.15
0.25
V
LBO Leakage Current
VLBI = 250mV, VLBO = 5V
q
0.02
0.1
µA
LBI Input Bias Current (Note 4)
VLBI = 150mV
q
540
nA
Low-Battery Detector Gain
1M
Ω Load
2000
V/V
Switch Leakage Current
VSW = 5V
q
0.01
3
µA
Switch VCE Sat
ISW = 500mA
300
350
mV
q
400
mV
Reference Line Regulation
1.8V
≤ VIN ≤ 12V
q
0.08
0.15
%/V
SHDN Input Voltage High
q
1.4
6
V
SHDN Input Voltage Low
q
0.4
V
Note 2: Bias current flows into FB pin.
Note 3: Switch current limit guaranteed by design and/or correlation to
static tests. Duty cycle affects current limit due to ramp generator.
Note 4: Bias current flows out of LBI pin.
The q denotes specifications which apply over the full operating
temperature range.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com