Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1316CS8 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1316CS8
Description  Micropower DC/DC Converter with Programmable Peak Current Limit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1316CS8 Datasheet(HTML) 1 Page - Linear Technology

  LT1316CS8 Datasheet HTML 1Page - Linear Technology LT1316CS8 Datasheet HTML 2Page - Linear Technology LT1316CS8 Datasheet HTML 3Page - Linear Technology LT1316CS8 Datasheet HTML 4Page - Linear Technology LT1316CS8 Datasheet HTML 5Page - Linear Technology LT1316CS8 Datasheet HTML 6Page - Linear Technology LT1316CS8 Datasheet HTML 7Page - Linear Technology LT1316CS8 Datasheet HTML 8Page - Linear Technology LT1316CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT1316
Micropower
DC/DC Converter
with Programmable
Peak Current Limit
s
Precise Control of Peak Switch Current
s
Quiescent Current:
33
µA in Active Mode
3
µA in Shutdown Mode
s
Low-Battery Detector Active in Shutdown
s
Low Switch VCESAT: 300mV at 500mA
s
8-Lead MSOP and SO Packages
s
Operates with VIN as Low as 1.5V
s
Logic Level Shutdown Pin
FEATURES
DESCRIPTION
The LT
®1316 is a micropower step-up DC/DC converter
that operates from an input voltage as low as 1.5V. A
programmable input current limiting function allows pre-
cise control of peak switch current. Peak switch current
can be set to any value between 30mA and 500mA by
adjusting one resistor. This is particularly useful for
DC/DC converters operating from high source impedance
inputs such as lithium coin cells or telephone lines.
The fixed off-time, variable on-time regulation scheme
results in quiescent current of only 33
µA in active mode.
Quiescent current decreases to 3
µA in shutdown with the
low-battery detector still active.
The LT1316 is available in 8-lead MSOP and SO packages.
, LTC and LT are registered trademarks of Linear Technology Corporation.
TYPICAL APPLICATION
APPLICATIONS
s
Battery Backup
s
LCD Bias
s
Low Power – 48V to 5V/3.3V Converters
2-Cell to 5V Step-Up Converter
VIN
SW
RSET
GND
FB
SHDN
65
8
1
4
3
2
7
LBO
LBI
LT1316
C2
47
µF
NC
NC
R5
10k
1%
C1
47
µF
2 CELLS
L1
47
µH
D1
5V
50mA
D1: MOTOROLA MBR0520L
L1: SUMIDA CD43-470
1316 TA01
+
+
R1
1M
1%
R2
324k
1%
LOAD CURRENT (mA)
0.1
60
80
90
1
10
100
1316 TA02
70
3.3VIN
2.5VIN
1.8VIN
Efficiency vs Load Current


Similar Part No. - LT1316CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1316 LINER-LT1316 Datasheet
311Kb / 16P
Micropower DC/DC Converter with Programmable Peak Current Limit
LT1316 LINER-LT1316_15 Datasheet
311Kb / 16P
Micropower DC/DC Converter with Programmable Peak Current Limit
More results

Similar Description - LT1316CS8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2703 NSC-LM2703 Datasheet
307Kb / 11P
Micropower Step-up DC/DC Converter with 350mA Peak Current Limit
LM2704 NSC-LM2704 Datasheet
312Kb / 11P
Micropower Step-up DC/DC Converter with 550mA Peak Current Limit
LM2705 NSC-LM2705 Datasheet
367Kb / 11P
Micropower Step-up DC/DC Converter with 150mA Peak Current Limit
LM2705 NSC-LM2705_07 Datasheet
322Kb / 12P
Micropower Step-up DC/DC Converter with 150mA Peak Current Limit
logo
Texas Instruments
LM2703MFX-ADJ TI1-LM2703MFX-ADJ Datasheet
1,015Kb / 19P
LM2703 Micropower Step-Up DC/DC Converter with 350mA Peak Current Limit
LM2704 TI1-LM2704 Datasheet
1Mb / 18P
Micropower Step-up DC/DC Converter with 550mA Peak Current Limit
logo
Linear Technology
LT1316 LINER-LT1316_15 Datasheet
311Kb / 16P
Micropower DC/DC Converter with Programmable Peak Current Limit
LTC3127 LINER-LTC3127_15 Datasheet
376Kb / 20P
1A Buck-Boost DC/DC Converter with Programmable Input Current Limit
logo
Texas Instruments
LM2704 TI1-LM2704_15 Datasheet
1,006Kb / 19P
LM2704 Micropower Step-up DC/DC Converter with 550mA Peak Current Limit
LM2705 TI1-LM2705 Datasheet
1Mb / 20P
LM2705 Micropower Step-up DC/DC Converter with 150mA Peak Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com