Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1316CS8 Datasheet(PDF) 12 Page - Linear Technology

Part # LT1316CS8
Description  Micropower DC/DC Converter with Programmable Peak Current Limit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1316CS8 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1316CS8 Datasheet HTML 8Page - Linear Technology LT1316CS8 Datasheet HTML 9Page - Linear Technology LT1316CS8 Datasheet HTML 10Page - Linear Technology LT1316CS8 Datasheet HTML 11Page - Linear Technology LT1316CS8 Datasheet HTML 12Page - Linear Technology LT1316CS8 Datasheet HTML 13Page - Linear Technology LT1316CS8 Datasheet HTML 14Page - Linear Technology LT1316CS8 Datasheet HTML 15Page - Linear Technology LT1316CS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
LT1316
TYPICAL APPLICATIONS N
Positive-to-Negative Converter for LCD Bias
VIN
VIN
SW
RSET
FB
7
65
D1
MMBD914
8
4
3
SHDN
LT1316
GND
C4
1
µF
35V
R3
15k
C1
33
µF
10V
2 CELLS
L1
33
µH
C4: SPRAGUE 293D105X9035B2T
C5: SPRAGUE 293D225X0035B2T
L1: SUMIDA CD43-330
1316 TA06
SHUTDOWN
+
C5
2.2
µF
35V
+
+
R1
3.3M
2.2M
C2
0.01
µF
50V
R2
210k
CONTRAST
ADJUST
D3
MBR0530L
VOUT
–20V
6mA
C3
100pF
50V
C6
0.33
µF
50V
D2
MMBD914
Battery-Powered Solenoid Driver
CAP GOOD
5V/DIV
VENERGIZE
5V/DIV
IL1
200mA/DIV
VCAP
10V/DIV
1316 TA09
500ms/DIV
When Solenoid Is Energized (VENERGIZE High) Peak Input Current
Remains Low and Controlled, Maximizing Battery Life
VIN
VIN
SW
RSET
FB
7
2
65
BAT-85
VCAP
ZTX949
VENERGIZE
8
1
4
3
SHDN
LBI
LBO
LT1316
GND
20k
470k
C1
47
µF
16V
2 CELLS
L1
47
µH
C1: AVX TPS 47
µF, 16V
C2: SANYO 50MV470GX
L1: SUMIDA CD43-470
1316 TA08
SHUTDOWN
CAP
GOOD
+
+
5k
1.3k
2N3904
6.8M
324K
47k
SOLENOID
1N4148
C2
470
µF
50V
50k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com