Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1319CS Datasheet(PDF) 11 Page - Linear Technology

Part # LT1319CS
Description  Multiple Modulation Standard Infrared Receiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1319CS Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1319CS Datasheet HTML 4Page - Linear Technology LT1319CS Datasheet HTML 5Page - Linear Technology LT1319CS Datasheet HTML 6Page - Linear Technology LT1319CS Datasheet HTML 7Page - Linear Technology LT1319CS Datasheet HTML 8Page - Linear Technology LT1319CS Datasheet HTML 9Page - Linear Technology LT1319CS Datasheet HTML 10Page - Linear Technology LT1319CS Datasheet HTML 11Page - Linear Technology LT1319CS Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
LT1319
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
AN_GND
IN
FILT1
PREOUT
VBIAS
FILTINL
FILT2L
FILTIN
BYPASS
VCC
SHDN
DATAL
DIG_GND
VTH
DATA
FILT2
U1
LT1319
RT1
30k
RC4
10k
CB1
0.1
µF
CB2
10
µF
CB3
10
µF
E5
IRDA-SIR/FIR
DATA
E4
SHARP OR
TV DATA
RC3
10k
RC6
1k
D3
BAS16
Q2
MMBT3906LT1
RC5
1M
Q1
MMBT941LT1
E1
SHDN
E3
GND
E2
VCC
VCC
RC2
15k
RC1
2k
CF4
10nF
CF2
33pF
CF7
0.1
µF
CF6
2.7nF
NOTES:
1. FOR IRDA-SIR/FIR OR TV REMOTE,
Q5 SHOULD BE TURNED ON WITH
A HIGH LOGIC INPUT
2. FOR IRDA-SIR, Q6 SHOULD BE TURNED
ON WITH A HIGH LOGIC INPUT
3. FOR SHARP ASK, CF3 = 1nF, LF1 = 100µH
4. FOR TV REMOTE, CF3 = 33nF, LF1 = 470µH
CF3
1nF
CF5
470pF
CB4
1
µF
LF1
100
µH
RF1
1k
RF2
1k
CF1
330pF
D1
TEMIC
BPV22NF
DGND
AGND
CT1
1
µF
Q5
MMBT3904LT1
Q6
MMBT3904LT1
RS2
5.1k
RS1
5.1k
JMP1
SHARP
IRDA
JMP2
FIR
SIR
VCC
VCC
1
1
3
3
2
2
D2
HSDL-4220
RD2
6.8
1/2W
VCC
Q3
2N7002
Q4
2N7002
RD1
100
RD3
10k
E6
TX
DRIVER
LT1319 • TA02
DGND
DGND
TYPICAL APPLICATIONS
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
IRDA-SIR/FIR and Sharp or TV Remote Data Receiver
PC Board Layout for IRDA-SIR/FIR and Sharp or TV Remote Data Receiver
COMPONENT
TOP
BOTTOM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com