Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1319CS Datasheet(PDF) 12 Page - Linear Technology

Part # LT1319CS
Description  Multiple Modulation Standard Infrared Receiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1319CS Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1319CS Datasheet HTML 4Page - Linear Technology LT1319CS Datasheet HTML 5Page - Linear Technology LT1319CS Datasheet HTML 6Page - Linear Technology LT1319CS Datasheet HTML 7Page - Linear Technology LT1319CS Datasheet HTML 8Page - Linear Technology LT1319CS Datasheet HTML 9Page - Linear Technology LT1319CS Datasheet HTML 10Page - Linear Technology LT1319CS Datasheet HTML 11Page - Linear Technology LT1319CS Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LT1319
© LINEAR TECHNOLOGY CORPORATION 1995
LT/GP 1095 2K REV A • PRINTED IN USA
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q TELEX: 499-3977
PACKAGE DESCRIPTION Dimensions in inches (millimeters) unless otherwise noted.
S Package
16-Lead Plastic Small Outline (Narrow 0.150)
(LTC DWG # 05-08-1610)
0.016 – 0.050
0.406 – 1.270
0.010 – 0.020
(0.254 – 0.508)
× 45°
0
° – 8° TYP
0.008 – 0.010
(0.203 – 0.254)
1
2
3
4
5
6
7
8
0.150 – 0.157**
(3.810 – 3.988)
16
15
14
13
0.386 – 0.394*
(9.804 – 10.008)
0.228 – 0.244
(5.791 – 6.197)
12
11
10
9
S16 0695
0.053 – 0.069
(1.346 – 1.752)
0.014 – 0.019
(0.355 – 0.483)
0.004 – 0.010
(0.101 – 0.254)
0.050
(1.270)
TYP
DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
*
**
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1113
Dual, Low Noise Precision JFET Input Op Amp
4.5nV/
√Hz Input Voltage Noise
LT1169
Dual, Low Noise Picoampere Bias Current Op Amp
JFET Input, 10pA Max
LT1222
Low Noise, High Speed Op Amp (AV ≥ 10)
500MHz Gain Bandwidth, External Comp Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com