Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1341C Datasheet(PDF) 4 Page - Linear Technology

Part # LT1341C
Description  5V RS232 Transceiver with One Receiver Active in Shutdown
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1341C Datasheet(HTML) 4 Page - Linear Technology

  LT1341C Datasheet HTML 1Page - Linear Technology LT1341C Datasheet HTML 2Page - Linear Technology LT1341C Datasheet HTML 3Page - Linear Technology LT1341C Datasheet HTML 4Page - Linear Technology LT1341C Datasheet HTML 5Page - Linear Technology LT1341C Datasheet HTML 6Page - Linear Technology LT1341C Datasheet HTML 7Page - Linear Technology LT1341C Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
LT1341
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Driver Output Voltage
Supply Current vs Data Rate
TEMPERATURE (°C)
–55
–10
–8
–4
–2
0
10
4
0
50
75
LT1341 • TPC01
–6
6
8
2
–25
25
100
125
OUTPUT HIGH
OUTPUT LOW
RL = 3k
VCC = 5V
VCC = 4.5V
VCC = 5.5V
VCC = 4.5V
VCC = 5V
VCC = 5.5V
TEMPERATURE (°C)
–55
0.50
0.75
1.25
1.50
1.75
3.00
2.25
0
50
75
LT1341 • TPC02
1.00
2.50
2.75
2.00
–25
25
100
125
INPUT HIGH
INPUT LOW
Receiver Input Thresholds
DATA RATE (kBAUD)
0
0
20
30
40
60
25
50
125
150
LT1341 • TPC03
70
80
50
10
75
100
3DRIVERS ACTIVE
RL = 3k
CL = 2500pF
DRIVER DISABLE Threshold
Supply Current in Shutdown
ON/OFF Thresholds
TEMPERATURE (°C)
–55
0
2
5
0
50
75
LT1341 • TPC05
1
4
3
–25
25
100
125
TEMPERATURE (°C)
–55
2.0
2.5
3.0
25
75
LT1341 • TPC06
1.5
1.0
–25
0
50
100
125
0.5
0
TEMPERATURE (°C)
–55
2.0
2.5
3.0
25
75
LT1341 • TPC07
1.5
1.0
–25
0
50
100
125
0.5
0
ON THRESHOLD
OFF THRESHOLD
Supply Current
TEMPERATURE (°C)
–55
100
125
150
25
75
LT1341 • TPC04
75
50
–25
0
50
100
125
25
0
Driver Leakage in Shutdown
TEMPERATURE (°C)
0.1
10
100
LT1341 • TPC09
1
–55
0
50
75
–25
25
100
125
VOUT = –30V
VOUT = 30V
TEMPERATURE (°C)
0
10
15
20
30
LT1341 • TPC08
35
40
25
5
–55
0
50
75
–25
25
100
125
NO LOAD
1DRIVER LOADED R L = 3k
2DRIVERS LOADED R L = 3k
3DRIVERS LOADED R L = 3k
Supply Current in Driver Disable



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com