Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1341C Datasheet(PDF) 6 Page - Linear Technology

Part # LT1341C
Description  5V RS232 Transceiver with One Receiver Active in Shutdown
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1341C Datasheet(HTML) 6 Page - Linear Technology

  LT1341C Datasheet HTML 1Page - Linear Technology LT1341C Datasheet HTML 2Page - Linear Technology LT1341C Datasheet HTML 3Page - Linear Technology LT1341C Datasheet HTML 4Page - Linear Technology LT1341C Datasheet HTML 5Page - Linear Technology LT1341C Datasheet HTML 6Page - Linear Technology LT1341C Datasheet HTML 7Page - Linear Technology LT1341C Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
LT1341
PI FU CTIO S
V–: Negative Supply Output (RS232 Drivers). V –
≈
–(2VCC – 2.5V). This pin requires an external charge
storage capacitor C
≥ 0.1µF. To reduce supply ripple,
increase the size of the storage capacitor. With multiple
transceivers, the V + and V – pins may be paralleled into
common filter capacitors.
C1+, C1–, C2+, C2–: Commutating Capacitor Inputs. These
pins require two external capacitors C
≥ 0.2µF: one from
C1+ to C1–, and another from C2+ to C2–. The capacitor’s
effective series resistance should be less than 2
Ω. For
C
≥ 1µF, low ESR tantalum capacitors work well in this
application, although small value ceramic capacitors may
be used with a minimal reduction in charge pump compli-
ance. When a 12V supply is available, C1 may be omitted.
Connect the 12V supply to C1+ and V +. The 12V supply
should be decoupled with a 0.1
µF ceramic capacitor.
DRIVER IN: RS232 Driver Input Pins. These inputs are
TTL/CMOS compatible. Tie unused inputs to VCC.
DRIVER OUT: Driver Outputs at RS232 Voltage Levels.
Outputs are in a high impedance state when in shut-
down mode, VCC = 0V, or when the DRIVER DISABLE
pin is active. Outputs are fully short-circuit protected
from VOUT = V – + 30V to VOUT = V+ – 30V. Applying
higher voltages will not damage the device if the over-
drive is moderately current limited. Short circuits on
one output can load the power supply generator and
may disrupt the signal levels of the other outputs. The
driver outputs are protected against ESD to
±10kV for
human body model discharges.
RX IN: Receiver Inputs. These pins accept RS232 level
signals (
±30V) into a protected 5k terminating resistor.
The receiver inputs are protected against ESD to
±10kV for
human body model discharges. Each receiver provides
0.4V of hysteresis for noise immunity.
RX OUT: Receiver Outputs with TTL/CMOS Voltage Lev-
els. Outputs are in a high impedance state when in shut-
down mode to allow data line sharing. Outputs, including
LOW-Q RX OUT, are fully short-circuit protected to ground
or VCC with the power on, off, or in shutdown mode.
LOW Q-CURRENT RX IN: Low Power Receiver Input. This
special receiver remains active when the part is in shut-
down mode, consuming typically 60
µA. This receiver has
the same input and protection characteristics as the other
receivers.
LOW Q-CURRENT RX OUT: Low Power Receiver Output.
This pin produces the same TTL/CMOS output voltage
levels with slightly decreased speed and short-circuit
current.
ESD PROTECTIO
The RS232 line inputs of the LT1341 have on-chip protec-
tion from ESD transients up to
±10kV. The protection
structures act to divert the static discharge safely to
system ground. In order for the ESD protection to function
effectively, the power supply and ground pins of the
LT1341 must be connected to ground through low imped-
ances. The power supply decoupling capacitors and charge
pump storage capacitors provide this low impedance in
normal application of the circuit. The only constraint is that
low ESR capacitors must be used for bypassing and
charge storage. ESD testing must be done with pins VCC,
V+, V – and GND shorted to ground or connected with low
ESR capacitors.
ESD Test Circuit
LT1341 • ESD TC
5V VCC
0.1
µF
0.2
µF
0.1
µF
RS232
LINE PINS
PROTECTED
TO
±10kV
LT1341
1
2
3
4
5
6
7
8
9
10
11
12
13
14
DRIVER 1 OUT
RX1 IN
DRIVER 2 OUT
RX2 IN
RX3 IN
RX4 IN
DRIVER 3 OUT
RX5 IN (LOW-Q)
ON/OFF
NC
28
27
26
25
24
23
22
21
20
19
18
17
16
15
0.2
µF
DRIVER 1 IN
RX1 OUT
DRIVER 2 IN
RX2 OUT
RX3 OUT
RX4 OUT
DRIVER 3 IN
RX5 OUT (LOW-Q)
V–
V+
0.1
µF
GND
DRIVER DISABLE
NC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com