Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RB495D Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # RB495D
Description  SMD Schottky Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

RB495D Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  RB495D Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd RB495D Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd RB495D Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd RB495D Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd RB495D Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
(TA=25°C unless otherwise noted)
Document Number: DS_S1409009
Version: G14
RB495D
Small Signal Product
Taiwan Semiconductor
RATINGS AND CHARACTERISTICS CURVES
0.01
0.1
1
10
100
1000
0.0
0.2
0.4
0.6
0.8
Instantaneous Forward Voltage (V)
Fig. 1 Typical Forward Characteristics
TA=75oC
TA=25oC
0.1
1
10
100
1000
0
1020
304050
607080
90
100
Reverse Voltage (V)
Fig. 2 Reverse Current VS. Reverse Voltage
TA=25oC
0
50
100
150
200
250
0
25
50
75
100
125
150
Ambient Temperature (°C)
Fig. 3
Fig. 3 Admissible Power Dissipation Curve
0
10
20
30
40
50
60
70
0
5
10
15
20
25
30
35
40
Reverse Voltage (V)
Fig. 4 Typical Junction Capacitance
TA=75oC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com