Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RB495D Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # RB495D
Description  SMD Schottky Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

RB495D Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  RB495D Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd RB495D Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd RB495D Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd RB495D Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd RB495D Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
- Epitaxial planar die construction
- Surface device type mounting
- Moisture sensitivity level 1
- Matte Tin(Sn) lead finish with Nickel(Ni) underplate
- Packing code with suffix "G" means
green compound (halogen-free)
- Case: SOT- 23, molded plastic
- Terminal: Matte tin plated, lead free,
solderable per MIL-STD-202, Method 208 guaranteed
- High temperature soldering guaranteed: 260
oC/10s
- Weight: 0.008g (approximately)
- Marking Code: D3Q
SYMBOL
UNIT
PD
mW
VRRM
V
VR
V
IO
mA
IFSM
A
TJ , TSTG
oC
SYMBOL
UNIT
Reverse Breakdown Voltage
V(BR)
V
IR
μA
Junction Capacitance
CJ
pF
Note 1: Mean output current per element : IO/2
Document Number: DS_S1409009
Version: G14
VR=0V, f=1.0MHz
-50
-0.55
Reverse Leakage Current
VR=25V
-70
Forward Voltage
IF=10mA
VF
-0.32
V
IF=200mA
Junction and Storage Temperature Range
-40 to +125
PARAMETER
MIN
MAX
IR=100μA
40
-
Mean Forward Current
350
Non-Repetitive Peak Forward Surge Current
(Note 1)
1.5
200
Repetitive Peak Reverse Voltage
40
Reverse Voltage
25
PARAMETER
VALUE
Power Dissipation
MECHANICAL DATA
SOT-23
MAXIMUM RATINGS AND ELECTRICAL CHARACTERSTICS (TA=25℃ unless otherwise noted)
RB495D
Taiwan Semiconductor
Small Signal Product
SMD Schottky Diode
FEATURES


Similar Part No. - RB495D

ManufacturerPart #DatasheetDescription
logo
Rohm
RB495D ROHM-RB495D Datasheet
53Kb / 2P
Schottky barrier diode
RB495D ROHM-RB495D Datasheet
207Kb / 4P
Shottky barrier diode
logo
TRANSYS Electronics Lim...
RB495D TEL-RB495D Datasheet
72Kb / 1P
Schottky barrier Diodes
logo
Guangdong Kexin Industr...
RB495D KEXIN-RB495D Datasheet
36Kb / 1P
Schottky barrier diode
logo
Taiwan Semiconductor Co...
RB495D TSC-RB495D Datasheet
157Kb / 2P
40V, 350mA, SMD Schottky Diode
More results

Similar Description - RB495D

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
RB521G30-G COMCHIP-RB521G30-G Datasheet
51Kb / 2P
SMD Schottky Barrier Diode
CDBF0145 COMCHIP-CDBF0145 Datasheet
151Kb / 2P
SMD Schottky Barrier Diode
CDBF0245 COMCHIP-CDBF0245 Datasheet
151Kb / 2P
SMD Schottky Barrier Diode
CDBF0520 COMCHIP-CDBF0520 Datasheet
124Kb / 2P
SMD Schottky Barrier Diode
CDBFR40 COMCHIP-CDBFR40 Datasheet
72Kb / 2P
SMD Schottky Barrier Diode
CDBFR0145 COMCHIP-CDBFR0145 Datasheet
76Kb / 2P
SMD Schottky Barrier Diode
CDBFR00340 COMCHIP-CDBFR00340 Datasheet
74Kb / 2P
SMD Schottky Barrier Diode
CDBFR0520L COMCHIP-CDBFR0520L Datasheet
73Kb / 2P
SMD Schottky Barrier Diode
CDBU70 COMCHIP-CDBU70 Datasheet
74Kb / 2P
SMD Schottky Barrier Diode
CDBUR42 COMCHIP-CDBUR42 Datasheet
73Kb / 2P
SMD Schottky Barrier Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com