Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1368CS8 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1368CS8
Description  Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1368CS8 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1368CS8 Datasheet HTML 4Page - Linear Technology LT1368CS8 Datasheet HTML 5Page - Linear Technology LT1368CS8 Datasheet HTML 6Page - Linear Technology LT1368CS8 Datasheet HTML 7Page - Linear Technology LT1368CS8 Datasheet HTML 8Page - Linear Technology LT1368CS8 Datasheet HTML 9Page - Linear Technology LT1368CS8 Datasheet HTML 10Page - Linear Technology LT1368CS8 Datasheet HTML 11Page - Linear Technology LT1368CS8 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
LT1366/LT1367
LT1368/LT1369
TYPICAL PERFORMANCE CHARACTERISTICS
(The data presented here applies to the LT1366/LT1367/LT1368/LT1369 unless otherwise noted.)
Input Bias Current
vs Temperature
TEMPERATURE (
°C)
–50
10
30
50
40
20
0
–20
–40
70
LT1366 TPC07
–10
–30
–50
–20
–35
– 5
25
55
85
10
40
100
VS = 5V, 0V, VCM = 5V
VS = 5V, 0V, VCM = 0V
VS = ±15V, VCM = 15V
VS = ±15V, VCM = –15V
LOAD CURRENT (mA)
0.001
100
1000
0.01
0.1
1
10
LT1366 TPC08
10
1
TA = 85°C
TA = –55°C
TA = 25°C
Output Saturation Voltage vs
Load Current (Output HIGH)
LOAD CURRENT (mA)
0.001
100
1000
0.01
0.1
1
10
LT1366 TPC09
10
1
TA = 85°C
TA = –55°C
TA = 25°C
Output Saturation Voltage vs
Load Current (Output LOW)
∆VOS-Shift Between PNP and NPN
Stages (LT1366/LT1368)
INPUT OFFSET VOLTAGE (
µV)
–350
20
25
30
–150
50
LT1366 TPC03
15
10
–250
– 50
150
350
250
5
0
N-PACKAGE
VS = 5V, 0V
VCM = 0V
PNP Stage VOS Distribution
(LT1366/LT1368)
NPN Stage VOS Distribution
(LT1366/LT1368)
INPUT OFFSET VOLTAGE (
µV)
–350
20
25
30
–150
50
LT1366 TPC02
15
10
–250
– 50
150
350
250
5
0
N-PACKAGE
VS = 5V, 0V
VCM = 5V
INPUT OFFSET VOLTAGE (
µV)
–350
20
25
30
–150
50
LT1366 TPC01
15
10
–250
– 50
150
350
250
5
0
N-PACKAGE
VS = 5V, 0V
VCM = 0V TO 5V
Input Bias Current vs
Common Mode Voltage
COMMON MODE VOLTAGE (V)
10
20
LT1366 TPC06
0
–10
–20
0
2
4
5
15
–5
–15
56
–1
–2
1
3
VS = 5V, 0V
TA = –55°C
TA = 125°C
TA = 25°C
TOTAL SUPPLY VOLTAGE (V)
0
600
500
400
300
200
100
0
8
16
20
36
LT1366 TPC05
412
24
28
32
TA = –55°C
TA = 125°C
TA = 25°C
Supply Current vs Supply Voltage
Supply Current vs Temperature
TEMPERATURE (
°C)
–50
300
400
500
70
LT1366 TPC04
200
100
0
–20
–35
– 5
25
55
85
10
40
100
VS = ±15V
VS = 5V, 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com