Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1368CS8 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1368CS8
Description  Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1368CS8 Datasheet(HTML) 3 Page - Linear Technology

  LT1368CS8 Datasheet HTML 1Page - Linear Technology LT1368CS8 Datasheet HTML 2Page - Linear Technology LT1368CS8 Datasheet HTML 3Page - Linear Technology LT1368CS8 Datasheet HTML 4Page - Linear Technology LT1368CS8 Datasheet HTML 5Page - Linear Technology LT1368CS8 Datasheet HTML 6Page - Linear Technology LT1368CS8 Datasheet HTML 7Page - Linear Technology LT1368CS8 Datasheet HTML 8Page - Linear Technology LT1368CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
LT1366/LT1367
LT1368/LT1369
TA = 25°C, VS = 5V, 0V, VCM = 2.5V, VO = 2.5V, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IOS
Input Offset Current
VCM = VCC
112
nA
VCM = VEE
0.3
12
nA
∆IOS
Input Offset Current Shift
VCM = VEE to VCC
112
nA
Input Bias Current Match (Channel to Channel)
VCM = VCC (Note 3)
0
1
12
nA
VCM = VEE (Note 3)
0
1
12
nA
en
Input Noise Voltage Density
f = 1kHz
29
nV/
√Hz
in
Input Noise Current Density
f = 1kHz
0.07
pA/
√Hz
CIN
Input Capacitance
12
pF
AVOL
Large-Signal Voltage Gain
VO = 50mV to 4.8V, RL = 10k
250
2000
V/mV
CMRR
Common Mode Rejection Ratio (LT1366/LT1368)
VCM = VEE to VCC
81
90
dB
CMRR Match (Channel to Channel)
VCM = VEE to VCC (Note 3)
75
90
dB
Common Mode Rejection Ratio (LT1367/LT1369)
VCM = VEE to VCC
77
90
dB
CMRR Match (Channel to Channel)
VCM = VEE to VCC (Note 3)
71
90
dB
PSRR
Power Supply Rejection Ratio
VS = 2.0V to 12V, VCM = VO = 0.5V
90
105
dB
PSRR Match (Channel to Channel) (Note 3)
VS = 2.0V to 12V, VCM = VO = 0.5V
84
100
dB
VOL
Output Voltage Swing LOW
No Load
6
12
mV
ISINK = 0.5mA
40
70
mV
ISINK = 2.5mA
110
200
mV
VOH
Output Voltage Swing HIGH
No Load
VCC – 0.012 VCC – 0.004
V
ISOURCE = 0.5mA
VCC – 0.100 VCC – 0.050
V
ISOURCE = 2.5mA
VCC – 0.250 VCC – 0.150
V
ISC
Short-Circuit Current
(Note 1)
±15
±30
mA
IS
Supply Current per Amplifier
340
520
µA
GBW
Gain-Bandwidth Product (LT1366/LT1367)
AV = 1000
0.4
MHz
Gain-Bandwidth Product (LT1368/LT1369)
AV = 1000
0.16
MHz
tS
Settling Time (LT1366/LT1367)
AV = 1, VSTEP = 4V to 0.1%
30
µs
0
°C < TA < 70°C, VS = 5V, 0V, VCM = 2.5V, VO = 2.5V, unless otherwise noted.
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage (LT1366/LT1368)
VCM = VCC
q
200
575
µV
VCM = VEE
q
200
575
µV
Input Offset Voltage (LT1367/LT1369)
VCM = VCC
q
200
950
µV
VCM = VEE
q
200
900
µV
VOS TC
Input Offset Voltage Drift
(Note 2)
q
26
µV/°C
∆VOS
Input Offset Voltage Shift (LT1366/LT1368)
VCM = VEE to VCC
q
200
425
µV
Input Offset Voltage Match (Channel to Channel)
VCM = VEE, VCC (Notes 3, 4)
q
250
900
µV
Input Offset Voltage Shift (LT1367/LT1369)
VCM = VEE to VCC
q
200
675
µV
Input Offset Voltage Match (Channel to Channel)
VCM = VEE, VCC (Notes 3, 4)
q
250
1900
µV
IB
Input Bias Current
VCM = VCC
q
0
15
45
nA
VCM = VEE
q
–45
–10
0
nA
∆IB
Input Bias Current Shift
VCM = VEE to VCC
q
25
90
nA
IOS
Input Offset Current
VCM = VCC
q
215
nA
VCM = VEE
q
115
nA
∆IOS
Input Offset Current Shift
VCM = VEE to VCC
q
215
nA
Input Bias Current Match (Channel to Channel)
VCM = VCC (Note 3)
q
02
15
nA
VCM = VEE (Note 3)
q
01
15
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com