Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1381 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1381
Description  Low Power 5V RS232 Dual Driver/Receiver with 0.1uF Capacitors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1381 Datasheet(HTML) 2 Page - Linear Technology

  LT1381 Datasheet HTML 1Page - Linear Technology LT1381 Datasheet HTML 2Page - Linear Technology LT1381 Datasheet HTML 3Page - Linear Technology LT1381 Datasheet HTML 4Page - Linear Technology LT1381 Datasheet HTML 5Page - Linear Technology LT1381 Datasheet HTML 6Page - Linear Technology LT1381 Datasheet HTML 7Page - Linear Technology LT1381 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
LT1381
A
G
A
U
A
R
BSOLUTEXI
TI
S
PACKAGE/ORDER I FOR ATIO
(Note 1)
Supply Voltage (VCC) ................................................ 6V
V+ ........................................................................ 13.2V
V– ...................................................................... –13.2V
Input Voltage
Driver ........................................................... V– to V +
Receiver ............................................... – 30V to 30V
Output Voltage
Driver ................................. (V+ – 30V) to (V – + 30V)
Receiver ................................. – 0.3V to (VCC + 0.3V)
Short-Circuit Duration
V+ ................................................................... 30 sec
V– ................................................................... 30 sec
Driver Output .............................................. Indefinite
Receiver Output .......................................... Indefinite
Operating Temperature Range
LT1381C ................................................. 0
°C to 70°C
LT1381I .............................................. – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
ORDER PART
NUMBER
LT1381CN
LT1381CS
LT1381IS
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
C1+
V+
C1–
C2+
C2–
V–
TR2 OUT
REC2 IN
VCC
GND
TR1 OUT
REC1 IN
REC1 OUT
TR1 IN
TR2 IN
REC2 OUT
N PACKAGE
16-LEAD PLASTIC DIP
S PACKAGE
16-LEAD PLASTIC SOIC
TJMAX = 125°C, θJA = 90°C/ W, θJC = 46°C/W (N)
TJMAX = 125°C, θJA = 110°C/ W, θJC = 34°C/W (S)
Consult factory for Military grade parts.
(Note 2)
ELECTRICAL C
C
HARA TERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Supply Generator
V + Output
7.9
V
V – Output
– 7.0
V
Supply Current (VCC)
(Note 3), TA = 25°C8
14
mA
q
16
mA
Supply Rise Time
C1 = C2 = C3 = C4 = 0.1
µF
0.2
ms
Oscillator Frequency
130
kHz
Driver
Output Voltage Swing
Load = 3k to GND
Positive
q
5.0
7.5
V
Negative
q
– 6.3
– 5.0
V
Logic Input Voltage Level
Input Low Level (VOUT = High)
q
1.4
0.8
V
Input High Level (VOUT = Low)
q
2.0
1.4
V
Logic Input Current
0.8V
≤ VIN ≤ 2.0V
q
520
µA
Output Short-Circuit Current
VOUT = 0V
9
17
mA
Output Leakage Current
Power Off VOUT = ±15V
q
10
100
µA
Data Rate
RL = 3k, CL = 2500pF
120
kBaud
RL = 3k, CL = 1000pF
250
kBaud
Slew Rate
RL = 3k, CL = 51pF
15
30
V/
µs
RL = 3k, CL = 2500pF
4
6
V/
µs
Propagation Delay
Output Transition tHL High to Low (Note 4)
0.6
1.3
µs
Output Transition tLH Low to High
0.5
1.3
µs



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com