Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1381 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1381
Description  Low Power 5V RS232 Dual Driver/Receiver with 0.1uF Capacitors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1381 Datasheet(HTML) 3 Page - Linear Technology

  LT1381 Datasheet HTML 1Page - Linear Technology LT1381 Datasheet HTML 2Page - Linear Technology LT1381 Datasheet HTML 3Page - Linear Technology LT1381 Datasheet HTML 4Page - Linear Technology LT1381 Datasheet HTML 5Page - Linear Technology LT1381 Datasheet HTML 6Page - Linear Technology LT1381 Datasheet HTML 7Page - Linear Technology LT1381 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
LT1381
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Receiver
Input Voltage Thresholds
Input Low Threshold (VOUT = High)
0.8
1.3
V
Input High Threshold (VOUT = Low)
1.7
2.4
V
Hysteresis
q
0.1
0.4
1.0
V
Input Resistance
(Note 6)
3
5
7
k
Ω
Output Voltage
Output Low, IOUT = – 1.6mA
q
0.2
0.4
V
Output High, IOUT = 160µA (VCC = 5V)
q
3.5
4.2
V
Output Short-Circuit Current
Sinking Current, VOUT = VCC
–10
mA
Sourcing Current, VOUT = 0V
10
20
mA
Propagation Delay
Output Transition tHL High-to-Low (Note 5)
250
600
ns
Output Transition tLH Low-to-High
350
600
ns
ELECTRICAL C
C
HARA TERISTICS (Note 2)
TYPICAL PERFOR A CE CHARACTERISTICS
Driver Maximum Output Voltage
vs Load Capacitance
TEMPERATURE (°C)
–55
–10
–8
–4
–2
0
10
4
0
50
75
LT1381 • TPC03
–6
6
8
2
–25
25
100
125
RL = 3k
VCC = 5.5V
VCC = 5V
VCC = 4.5V
VCC = 4.5V
VCC = 5V
VCC = 5.5V
OUTPUT HIGH
OUTPUT LOW
Driver Minimum Output Voltage
vs Load Capacitance
Driver Output Voltage
Note 4: For driver delay measurements, RL = 3k and CL = 51pF. Trigger
points are set between the driver’s input logic threshold and the output
transition to the zero crossing (tHL = 1.4V to 0V and tLH = 1.4V to 0V).
Note 5: For receiver delay measurements, CL = 51pF. Trigger points are
set between the receiver’s input logic threshold and the output transition
to standard TTL/CMOS logic threshold (tHL = 1.3V to 2.4V and tLH = 1.7V
to 0.8V).
Note 6: Tested at VIN = ±10V.
The q denotes specifications which apply over the full operating
temperature range.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of the device may be impaired.
Note 2: Testing done at VCC = 5V, unless otherwise specified.
Note 3: Supply current is measured as the average over several charge
pump cycles. C + = C – = C1 = C2 = 0.1
µF. All outputs are open, with all
driver inputs tied high.
–20
LOAD CAPACITANCE (nF)
–7.0
–6.0
–5.0
–4.0
24
6
8
LT1381 • TPC02
10
13
5
7
9
–5.5
–4.5
–6.5
0
2 DRIVERS LOADED
120k BAUD
60k BAUD
20k BAUD
LOAD CAPACITANCE (nF)
0
8.0
9.0
8
LT1381 • TPC01
7.0
6.0
5.0
2
4
6
10
7.5
8.5
6.5
5.5
7
1
3
5
9
2 DRIVERS LOADED
20k BAUD
60k BAUD
120k BAUD



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com