Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1376C Datasheet(PDF) 19 Page - Linear Technology

Part # LT1376C
Description  1.5A, 500kHz Step-Down Switching Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1376C Datasheet(HTML) 19 Page - Linear Technology

Back Button LT1376C Datasheet HTML 15Page - Linear Technology LT1376C Datasheet HTML 16Page - Linear Technology LT1376C Datasheet HTML 17Page - Linear Technology LT1376C Datasheet HTML 18Page - Linear Technology LT1376C Datasheet HTML 19Page - Linear Technology LT1376C Datasheet HTML 20Page - Linear Technology LT1376C Datasheet HTML 21Page - Linear Technology LT1376C Datasheet HTML 22Page - Linear Technology LT1376C Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
19
LT1375/LT1376
APPLICATIONS INFORMATION
LOAD CURRENT (A)
0.001
8.0
7.5
7.0
6.5
6.0
5.5
5.0
0.01
0.1
1
1375/76 F09
(A)
(C)
(D)
(A) MINIMUM VOLTAGE
TO START WITH
STANDARD CIRCUIT
(B) MINIMUM VOLTAGE
TO RUN WITH
STANDARD CIRCUIT
(C) MINIMUM VOLTAGE
TO START WITH
PNP
(D) MINIMUM VOLTAGE
TO RUN WITH
PNP
(B)
Figure 9. Minimum Input Voltage
Figure 10. Reducing Minimum Input Voltage
OUTPUT
INPUT
1375/76 F10
C2
0.1
µF
CC
D3
1N914
Q1
2N3905
C1
D1
1N914
L1
BOOST
LT1376-5
VIN
VSW
SENSE
GND
VC
+
+
Compensation section for a discussion of an entirely
different cause of subharmonic switching before assum-
ing that the cause is insufficient slope compensation.
Application Note 19 has more details on the theory of slope
compensation.
There is a sync-supply sequence issue with the LT1375. If
power is supplied to the regulator
after the external sync
signal is supplied, the regulator may not start. This is
caused by the internal frequency foldback condition that
occurs when the FB pin is below 1V (see block diagram
description in the data sheet). The oscillator tries to run at
100kHz when the FB pin is below 1V, and a high frequency
sync signal will then create an extremely low amplitude
oscillator waveform. This amplitude may be so low that the
switch logic is not triggered to create switching. Under the
normal regulated condition, the oscillator runs at much
higher amplitude with plenty of drive for the switch logic.
Note that for fixed voltage parts, the FB pin is replaced with
a SENSE pin, and the voltage divider resistors are internal.
In that case, the FB pin drops below 1V when the output
voltage is less than 40% of its regulated value.
There are no sequence problems if the power supply for
the sync signal comes from the output of the LT1375. If
this is not the case, and the sync signal could be present
when power is applied to the regulator, a gate should be
used to block sync signals as shown in Figure 11. Any
other technique which prevents sync signals when the
regulator output is low will work just as well. It does not
matter whether the sync signal is forced high or low; the
internal circuitry is edge triggered.
SYNCHRONIZING (Available on LT1375 Only)
The LT1375 has the BIAS pin replaced with a SYNC pin,
which is used to synchronize the internal oscillator to an
external signal. It is directly logic compatible and can be
driven with any signal between 10% and 90% duty cycle.
The synchronizing range is equal to
initial operating fre-
quency up to 900kHz. This means that
minimum practical
sync frequency is equal to the worst-case
high self-
oscillating frequency (560kHz), not the typical operating
frequency of 500kHz. Caution should be used when syn-
chronizing above 700kHz because at higher sync frequen-
cies the amplitude of the internal slope compensation
used to prevent subharmonic switching is reduced. This
type of subharmonic switching only occurs at input volt-
ages less than twice output voltage. Higher inductor
values will tend to eliminate problems. See Frequency
LT1375
SYNC
VOUT
1375/76 F11
VIN
FREQUENCY COMPENSATION
Loop frequency compensation of switching regulators
can be a rather complicated problem because the reactive
components used to achieve high efficiency also
Figure 11. Gating the Sync Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com