Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1376C Datasheet(PDF) 1 Page - Linear Technology

Part # LT1376C
Description  1.5A, 500kHz Step-Down Switching Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1376C Datasheet(HTML) 1 Page - Linear Technology

  LT1376C Datasheet HTML 1Page - Linear Technology LT1376C Datasheet HTML 2Page - Linear Technology LT1376C Datasheet HTML 3Page - Linear Technology LT1376C Datasheet HTML 4Page - Linear Technology LT1376C Datasheet HTML 5Page - Linear Technology LT1376C Datasheet HTML 6Page - Linear Technology LT1376C Datasheet HTML 7Page - Linear Technology LT1376C Datasheet HTML 8Page - Linear Technology LT1376C Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
LT1375/LT1376
1.5A, 500kHz Step-Down
Switching Regulators
s
Constant 500kHz Switching Frequency
s
Easily Synchronizable
s
Uses All Surface Mount Components
s
Inductor Size Reduced to 5
µH
s
Saturating Switch Design: 0.4
Ω
s
Effective Supply Current: 2.5mA
s
Shutdown Current: 20
µA
s
Cycle-by-Cycle Current Limiting
s
Portable Computers
s
Battery-Powered Systems
s
Battery Charger
s
Distributed Power
The LT
®1375/LT1376 are 500kHz monolithic buck mode
switching regulators. A 1.5A switch is included on the die
along with all the necessary oscillator, control and logic
circuitry. High switching frequency allows a considerable
reduction in the size of external components. The topology
is current mode for fast transient response and good loop
stability. Both fixed output voltage and adjustable parts are
available.
A special high speed bipolar process and new design
techniques achieve high efficiency at high switching fre-
quency. Efficiency is maintained over a wide output cur-
rent range by using the output to bias the circuitry and by
utilizing a supply boost capacitor to saturate the power
switch. A shutdown signal will reduce supply current to
20
µA on both parts. The LT1375 can be externally syn-
chronized from 550kHz to 1MHz with logic level inputs.
The LT1375/LT1376 fit into standard 8-pin PDIP and SO
packages, as well as a fused lead 16-pin SO with much
lower thermal resistance. Full cycle-by-cycle short-cir-
cuit protection and thermal shutdown are provided.
Standard surface mount external parts are used, includ-
ing the inductor and capacitors.
For low input voltage applications with 3.3V output, see
LT1507. This is a functionally identical part that can
operate with input voltages between 4.5V and 12V.
, LTC and LT are registered trademarks of Linear Technology Corporation.
5V Buck Converter
LOAD CURRENT (A)
0
100
90
80
70
60
50
1.00
1375/76 TA02
0.25
0.50
0.75
1.25
VOUT = 5V
VIN = 10V
L = 10
µH
Efficiency vs Load Current
BOOST
LT1376-5
VIN
OUTPUT**
5V, 1.25A
* RIPPLE CURRENT
≥ IOUT/2
** INCREASE L1 TO 10
µH FOR LOAD CURRENTS ABOVE 0.6A AND TO 20µH ABOVE 1A
† FOR INPUT VOLTAGE BELOW 7.5V, SOME RESTRICTIONS MAY APPLY.
SEE APPLICATIONS INFORMATION.
INPUT
6V† TO 25V
1375/76 TA01
C2
0.1
µF
CC
3.3nF
D2
1N5818
C1
100
µF, 10V
SOLID
TANTALUM
C3*
10
µF TO
50
µF
D2
1N914
L1**
5
µH
VSW
FB
BIAS
GND
VC
DEFAULT
= ON
SHDN
+
+
FEATURES
APPLICATIO S
DESCRIPTIO
TYPICAL APPLICATIO


Similar Part No. - LT1376C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1376 LINER-LT1376_15 Datasheet
511Kb / 28P
1.5A, 500kHz Step-Down Switching Regulators
More results

Similar Description - LT1376C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1956 LINER-LT1956 Datasheet
305Kb / 28P
High Voltage, 1.5A, 500kHz Step-Down Switching Regulators
logo
National Semiconductor ...
LM1572 NSC-LM1572 Datasheet
584Kb / 17P
1.5A, 500kHz Step-down Voltage Regulator
logo
Avic Technology
AV34063 AVICTEK-AV34063 Datasheet
257Kb / 8P
1.5A,Step-Up/Down Inverting Switching Regulators
logo
Ceramate Technical
CP34063 CERAMATE-CP34063 Datasheet
503Kb / 10P
1.5A,Step-Up/Down/Inverting Switching Regulators
logo
Gamma Microelectronics ...
GM2574 GAMMA-GM2574 Datasheet
130Kb / 8P
1.5A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Linear Technology
LT1767-1.8 LINER-LT1767-1.8_15 Datasheet
435Kb / 20P
Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1956 LINER-LT1956_15 Datasheet
314Kb / 28P
High Voltage, 1.5A, 500kHz Step-Down Switching Regulators
LT1956-5 LINER-LT1956-5_15 Datasheet
314Kb / 28P
High Voltage, 1.5A, 500kHz Step-Down Switching Regulators
LT1375 LINER-LT1375_15 Datasheet
511Kb / 28P
1.5A, 500kHz Step-Down Switching Regulators
LT1376 LINER-LT1376_15 Datasheet
511Kb / 28P
1.5A, 500kHz Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com