Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1394 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1394
Description  7ns, Low Power, Single Supply, Ground-Sensing Comparator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1394 Datasheet(HTML) 3 Page - Linear Technology

  LT1394 Datasheet HTML 1Page - Linear Technology LT1394 Datasheet HTML 2Page - Linear Technology LT1394 Datasheet HTML 3Page - Linear Technology LT1394 Datasheet HTML 4Page - Linear Technology LT1394 Datasheet HTML 5Page - Linear Technology LT1394 Datasheet HTML 6Page - Linear Technology LT1394 Datasheet HTML 7Page - Linear Technology LT1394 Datasheet HTML 8Page - Linear Technology LT1394 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LT1394
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOL
Output Voltage Swing Low
IOUT = – 4mA
q
0.3
0.5
V
IOUT = – 10mA
0.4
V
I+
Positive Supply Current
6
8.5
mA
q
10.0
mA
I–
Negative Supply Current
1.2
2.2
mA
q
2.5
mA
VIH
LATCH Pin High Input Voltage
q
2V
VIL
LATCH Pin Low Input Voltage
q
0.8
V
IIL
LATCH Pin Current
VLATCH = 0V
q
–4
– 10
µA
tPD
Propagation Delay (Note 7)
∆VIN = 100mV, VOD = 5mV
7
9
ns
q
14
ns
∆tPD
Differential Propagation Delay (Note 7)
∆VIN = 100mV, VOD = 5mV
0.5
2.2
ns
tLPD
Latch Propagation Delay (Note 8)
6
ns
tSU
Latch Setup Time (Note 8)
– 0.4
ns
tH
Latch Hold Time (Note 8)
2ns
tPW(D)
Minimum Disable Pulse Width
3ns
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: This parameter is guaranteed to meet specified perforamnce
through design and characterization. It has not been tested.
Note 3: The LT1394CMS8 and LT1394CS8 are guaranteed to meet
specified performance from 0
°C to 70°C and are designed, characterized
and expected to meet these extended temperature limits, but are not tested
at – 40
°C and 85°C. The LT1394IS8 is guaranteed to meet the extended
temperature limits.
Note 4: Input offset voltage (VOS) is defined as the average of the two
voltages measured by forcing first one output, then the other to 1.4V.
Note 5: Input bias current (IB) is defined as the average of the two input
currents.
Note 6: Input voltage range is guaranteed in part by CMRR testing and in
part by design and characterization.
Note 7: tPD and ∆tPD cannot be measured in automatic handling
equipment with low values of overdrive. The LT1394 is 100% tested with a
100mV step and 20mV overdrive. Correlation tests have shown that tPD
and
∆tPD limits can be guaranteed with this test, if additional DC tests are
performed to guarantee that all internal bias conditions are correct.
Propagation delay (tPD) is measured with the overdrive added to the actual
VOS. Differential propagation delay is defined as:
∆tPD = tPDLH – tPDHL
Note 8: Latch propagation delay (tLPD) is the delay time for the output to
respond when the LATCH pin is deasserted. Latch setup time (tSU) is the
interval in which the input signal must remain stable prior to asserting the
latch signal. Latch hold time (tH) is the interval after the latch is asserted in
which the input signal must remain stable.
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C.
V+ = 5V, V– = – 5V, VOUT(Q) = 1.4V, VLATCH = VCM = 0V unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com