Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1394 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1394
Description  7ns, Low Power, Single Supply, Ground-Sensing Comparator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1394 Datasheet(HTML) 4 Page - Linear Technology

  LT1394 Datasheet HTML 1Page - Linear Technology LT1394 Datasheet HTML 2Page - Linear Technology LT1394 Datasheet HTML 3Page - Linear Technology LT1394 Datasheet HTML 4Page - Linear Technology LT1394 Datasheet HTML 5Page - Linear Technology LT1394 Datasheet HTML 6Page - Linear Technology LT1394 Datasheet HTML 7Page - Linear Technology LT1394 Datasheet HTML 8Page - Linear Technology LT1394 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LT1394
TYPICAL PERFORMANCE CHARACTERISTICS
Propagation Delay vs
Input Overdrive
TEMPERATURE (
°C)
–50
12
10
8
6
4
2
0
25
75
1394 G05
–25
0
50
100
125
VS = ±5V
VSTEP = 100mV
VOD = 5mV
tPDLH
tPDHL
SOURCE RESISTANCE (k
Ω)
0
0.5
1.0
2.0
1.5
2.5
3.0
1394 G04
80
70
60
50
40
30
20
10
0
VS = ±5V
VOD = 20mV
TA = 25°C
STEP SIZE = 800mV
400mV
100mV
200mV
Propagation Delay vs
Source Resistance
Propagation Delay vs
Temperature
Input Offset Voltage vs
Temperature
2
1
0
–1
–2
–3
–4
–5
LT1394 G06
TEMPERATURE (
°C)
–50
25
75
–25
0
50
100
125
VS = ±5V
4
3
2
1
0
LT1394 G07
TEMPERATURE (
°C)
–50
25
75
–25
0
50
100
125
VS = ±5V
VCM = –5V
VCM = 0V
VCM = 3.5V
Input Bias Current vs
Temperature
TEMPERATURE (
°C)
–50
6
5
4
3
2
1
0
25
75
1394 G08
–25
0
50
100
125
VS = ±5V
Positive Common Mode Limit vs
Temperature
OVERDRIVE (mV)
0
12
10
8
6
4
2
0
10
20
30
40
1394 TA02
50
tPDLH
tPDHL
TA = 25°C
VSTEP = 100mV
VS = ±5V
Gain Characteristics
POSITIVE SUPPLY VOLTAGE (V)
4.4
12
10
8
6
4
2
0
4.6
4.8
5.0
5.2
5.4
1394 G03
5.6
tPDHL
tPDLH
V– = –5V
TA = 25°C
VSTEP = 100mV
OVERDRIVE = 5mV
Propagation Delay vs
Positive Supply Voltage
Propagation Delay vs
Load Capacitance
OUTPUT LOAD CAPACITANCE (pF)
0
12
10
8
6
4
2
0
10
20
30
40
1394 G02
50
tPDLH
tPDHL
IOUT = 0
VS = ±5V
TA = 25°C
VSTEP = 100mV
OVERDRIVE = 5mV
DIFFERENTIAL INPUT VOLTAGE (mV)
–3
–2
–1
01
1394 G01
2
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
3
VS = ±5V
IOUT = 0
TA = 125°C
TA = 25°C
TA = –55°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com