Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM338P Datasheet(PDF) 11 Page - Linear Technology

Part # LM338P
Description  5A Positive Adjustable Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LM338P Datasheet(HTML) 11 Page - Linear Technology

Back Button LM338P Datasheet HTML 4Page - Linear Technology LM338P Datasheet HTML 5Page - Linear Technology LM338P Datasheet HTML 6Page - Linear Technology LM338P Datasheet HTML 7Page - Linear Technology LM338P Datasheet HTML 8Page - Linear Technology LM338P Datasheet HTML 9Page - Linear Technology LM338P Datasheet HTML 10Page - Linear Technology LM338P Datasheet HTML 11Page - Linear Technology LM338P Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
LT138A/LT338A
LM138/LM338
P Package
3-Lead Plastic TO-3P (Similar to TO-247)
(LTC DWG # 05-08-1450)
PACKAGE DESCRIPTION Dimensions in inches (millimeters) unless otherwise noted.
0.580 – 0.6OO
(14.73 – 15.24)
0.170
(4.32)
MAX
0.325
(8.255)
0.580
(14.732)
0.560
(14.224)
0.620 – 0.64O
(15.75 – 16.26)
0.170 – 0.2OO
(4.32 – 5.08)
MOUNTING HOLE
0.115 – 0.145
(2.92 – 3.68)
DIA
0.580 – 0.6OO
(14.73 – 15.24)
0.830 – 0.870
(21.08 – 22.10)
0.780 – 0.800
(19.81 – 20.32)
0.620 – 0.64O
(15.75 – 16.26)
0.215
(5.46)
BSC
0.113 – 0.123
(2.87 – 3.12)
0.042 – 0.052
(1.07 – 1.32)
0.074 – 0.084
(1.88 – 2.13)
0.187 – 0.207
(4.75 – 5.26)
0.060 – 0.080
(1.52 – 2.03)
18
° – 22°
3
° – 7°
0.087 – 0.102
(2.21 – 2.59)
0.020 – 0.040
(0.51 – 1.02)
EJECTOR PIN MARKS
0.105 – 0.125
(2.67 – 3.18)
DIA
P3 0996
0.098
(2.489)
0.124
(3.149)
0.700
(17.780)
0.275
(6.985)
BOTTOM VIEW OF TO-3P
HATCHED AREA IS SOLDER PLATED
COPPER HEAT SINK
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com