Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM338P Datasheet(PDF) 12 Page - Linear Technology

Part # LM338P
Description  5A Positive Adjustable Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LM338P Datasheet(HTML) 12 Page - Linear Technology

Back Button LM338P Datasheet HTML 4Page - Linear Technology LM338P Datasheet HTML 5Page - Linear Technology LM338P Datasheet HTML 6Page - Linear Technology LM338P Datasheet HTML 7Page - Linear Technology LM338P Datasheet HTML 8Page - Linear Technology LM338P Datasheet HTML 9Page - Linear Technology LM338P Datasheet HTML 10Page - Linear Technology LM338P Datasheet HTML 11Page - Linear Technology LM338P Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LT138A/LT338A
LM138/LM338
RELATED PARTS
©LINEAR TECHNOLOGY CORPORATION 1991
138afa LT/LT 1199 2K REV A • PRINTED IN THE USA
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com
PART NUMBER
DESCRIPTION
COMMENTS
LT1084
5A Low Dropout
Operates to 30V Input
LT1580
7A Fast Transient Response Regulator with 0.7V Dropout
For 3.3V to 2.xxV Applications
LT1581
10A Fast Transient Response Regulator
For 3.3V to 2.xxV Applications
LT1585/LT1587
7A/4.6A/3A Low Dropout Fast Transient Response Regulator
For 1.2V to 3.3V Outputs from 5V
Lamp Flasher
LT338A
VIN
138A/338A TA08
VOUT
ADJ
12k
1
µF
10
µF
12V
15V
12k
1k
OFF
12k
+
10
µF
10
µF
2N3904
Automatic Light Control
LT338A
VIN
138A/338A TA09
VOUT
ADJ
1.2k
Protected High Current Lamp Driver
LT338A
VOUT
12V
5A
138A/338A TA10
VIN
TTL OR
CMOS
ADJ
15V
10k
TYPICAL APPLICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com