Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1492CS8 Datasheet(PDF) 16 Page - Linear Technology

Part # LT1492CS8
Description  5MHz, 3V/us, Low Power Single Supply, Dual and Quad Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1492CS8 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1492CS8 Datasheet HTML 8Page - Linear Technology LT1492CS8 Datasheet HTML 9Page - Linear Technology LT1492CS8 Datasheet HTML 10Page - Linear Technology LT1492CS8 Datasheet HTML 11Page - Linear Technology LT1492CS8 Datasheet HTML 12Page - Linear Technology LT1492CS8 Datasheet HTML 13Page - Linear Technology LT1492CS8 Datasheet HTML 14Page - Linear Technology LT1492CS8 Datasheet HTML 15Page - Linear Technology LT1492CS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LT1492/LT1493
14923f LT/TP 1097 4K • PRINTED IN USA
© LINEAR TECHNOLOGY CORPORATION 1997
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417q (408)432-1900
FAX: (408) 434-0507q TELEX: 499-3977 q www.linear-tech.com
TYPICAL APPLICATION
FREQUENCY (Hz)
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
100
10k
100k
10M
1492/93 TA04
1k
1M
–
+
VIN
V+/2
1/2 LT1492
–
+
1/2 LT1492
6.81k
11.3k
5.23k
10.2k
5.23k
6.81k
100pF
330pF
VOUT
1492/93 TA03
47pF
1000pF
V+
Single Supply 100kHz 4th Order Butterworth Filter
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC
®1152
Rail-to-Rail Input and Output, Zero-Drift Op Amp
High DC Accuracy, 10
µV VOS(MAX), 100nV/ °C Drift, 1MHz
GBW, 1V/
µs Slew Rate, Max Supply Current 2.2mA
LT1211/LT1212
Dual/Quad 14MHz, 7V/
µs, Single Supply Precision Op Amps
Input Common Mode Includes Ground, 275
µV VOS(MAX),
6
µV/°C Max Drift, Max Supply Current 1.8mA per Amplifier
LT1213/LT1214
Dual/Quad 28MHz, 12V/
µs, Single Supply Precision Op Amps
Input Common Mode Includes Ground, 275
µV VOS(MAX),
6
µV/°C Max Drift, Max Supply Current 3.5mA per Amplifier
LT1215/LT1216
Dual/Quad 23MHz, 50V/
µs, Single Supply Precision Op Amps
Input Common Mode Includes Ground, 450
µV VOS(MAX),
Max Supply Current 6.6mA per Amplifier
LT1366/LT1367
Dual/Quad Precision, Rail-to-Rail Input and Output Op Amps
475
µV VOS(MAX), 400kHz GBW, 0.13V/ µs Slew Rate,
Max Supply Current 520
µA per Amplifier
LT1490/LT1491
Dual/Quad Micropower, Rail-to-Rail Input and Output Op Amps
Max Supply Current 50
µA per Amplifier, 200kHz GBW, 0.07V/ µs
Slew Rate, Operates with Inputs 44V Above V – Independent of V +
LT1498/LT1499
Dual/Quad Rail-to-Rail Input and Output Precision C-Load
TM
475
µV VOS(MAX), 10MHz GBW, 6V/ µs Slew Rate,
Op Amps
Max Supply Current 2.2mA per Amplifier
C-Load is a trademark of Linear Technology Corporation.
Frequency Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com