Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1492CS8 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1492CS8
Description  5MHz, 3V/us, Low Power Single Supply, Dual and Quad Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1492CS8 Datasheet(HTML) 5 Page - Linear Technology

  LT1492CS8 Datasheet HTML 1Page - Linear Technology LT1492CS8 Datasheet HTML 2Page - Linear Technology LT1492CS8 Datasheet HTML 3Page - Linear Technology LT1492CS8 Datasheet HTML 4Page - Linear Technology LT1492CS8 Datasheet HTML 5Page - Linear Technology LT1492CS8 Datasheet HTML 6Page - Linear Technology LT1492CS8 Datasheet HTML 7Page - Linear Technology LT1492CS8 Datasheet HTML 8Page - Linear Technology LT1492CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LT1492/LT1493
VS = ±15V, VCM = 0V, VOUT = 0V, 0°C ≤ TA ≤ 70°C, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
q
160
550
µV
VOS
Input Offset Voltage Drift (Note 3)
q
13
µV/°C
∆T
IOS
Input Offset Current
q
10
30
nA
IB
Input Bias Current
q
55
120
nA
Input Voltage Range
q
13.4
13.5
V
q
– 15.0
– 15.1
V
CMRR
Common Mode Rejection Ratio
VCM = – 15V to 13.4V
q
84
101
dB
PSRR
Power Supply Rejection Ratio
VS = ±2V to ±16V
q
90
108
dB
AVOL
Large-Signal Voltage Gain
VO = ±10V, RL = 5k
q
1200
4000
V/mV
Maximum Output Voltage Swing
Output High, ISOURCE = 15mA
q
12.7
13.0
V
Output Low, ISINK = 15mA
q
– 14.2
– 14.6
V
IS
Supply Current per Amplifier
q
600
930
µA
±15V ELECTRICAL CHARACTERISTICS
VS = ±15V, VCM = 0V, VOUT = 0V, –40°C ≤ TA ≤ 85°C, unless otherwise noted. (Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
q
180
650
µV
VOS
Input Offset Voltage Drift (Note 3)
q
13
µV/°C
∆T
IOS
Input Offset Current
q
10
50
nA
IB
Input Bias Current
q
55
150
nA
Input Voltage Range
q
13.4
13.45
V
q
– 15.0
– 15.05
V
CMRR
Common Mode Rejection Ratio
VCM = – 15V to 13.4V
q
82
101
dB
PSRR
Power Supply Rejection Ratio
VS = ±2V to ±16V
q
90
108
dB
AVOL
Large-Signal Voltage Gain
VO = ±10V, RL = 5k
q
1000
3500
V/mV
Maximum Output Voltage Swing
Output High, ISOURCE = 15mA
q
12.5
12.9
V
Output Low, ISINK = 15mA
q
–14.1
–14.6
V
IS
Supply Current per Amplifier
q
620
1000
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com