Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1497CS8 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1497CS8
Description  Dual 125mA, 50MHz Current Feedback Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1497CS8 Datasheet(HTML) 3 Page - Linear Technology

  LT1497CS8 Datasheet HTML 1Page - Linear Technology LT1497CS8 Datasheet HTML 2Page - Linear Technology LT1497CS8 Datasheet HTML 3Page - Linear Technology LT1497CS8 Datasheet HTML 4Page - Linear Technology LT1497CS8 Datasheet HTML 5Page - Linear Technology LT1497CS8 Datasheet HTML 6Page - Linear Technology LT1497CS8 Datasheet HTML 7Page - Linear Technology LT1497CS8 Datasheet HTML 8Page - Linear Technology LT1497CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LT1497
ELECTRICAL CHARACTERISTICS
VCM = 0V, ±2.5V ≤ VS ≤ ±15V (LT1497CS), ±2.5V ≤ VS ≤ ±5V (LT1497CS8), pulse tested unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage Range
VS = ±15V
q
±13
±14
V
VS = ±5V
q
±3.0
±4.0
V
VS = ±2.5V
q
±0.5
±1.5
V
CMRR
Common Mode Rejection Ratio
VS = ±15V, VCM = ±13V, TA = 25°C55
62
dB
q
53
dB
VS = ±5V, VCM = ±3V, TA = 25°C54
60
dB
q
52
dB
VS = ±2.5V, VCM = ±0.5V, TA = 25°C52
56
dB
q
50
dB
Inverting Input Current
VS = ±15V, VCM = ±13V
q
2.0
10
µA/V
Common Mode Rejection
VS = ±5V, VCM = ±3V
q
2.5
10
µA/V
VS = ±2.5V, VCM = ±0.5V
q
3.0
10
µA/V
PSRR
Power Supply Rejection Ratio
VS = ±2V to ±15V, TA = 25°C66
76
dB
q
63
dB
VS = ±2V to ±5V, TA = 25°C66
76
dB
q
63
dB
Noninverting Input Current
VS = ±2V to ±15V
q
5
50
nA/V
Power Supply Rejection
VS = ±2V to ±5V
q
5
50
nA/V
Inverting Input Current
VS = ±2V to ±15V
q
0.1
2
µA/V
Power Supply Rejection
VS = ±2V to ±5V
q
0.1
2
µA/V
AVOL
Large-Signal Voltage Gain
VS = ± 15V, VOUT = ±10V, RL = 150Ω
q
66
80
dB
VS = ±5V, VOUT = ±2.5V, RL = 50Ω
q
66
80
dB
VS = ±2.5V, VOUT = ±0.5V, RL = 50Ω
q
66
80
dB
ROL
Transresistance,
∆VOUT/∆IIN–
VS = ±15V, VOUT = ±10V, RL = 150Ω
q
100
500
k
Ω
VS = ±5V, VOUT = ±2.5V, RL = 50Ω
q
100
500
k
Ω
VS = ±2.5V, VOUT = ±0.5V, RL = 50Ω
q
100
300
k
Ω
VOUT
Maximum Output Swing
VS = ±15V, RL = 150Ω, TA = 25°C
±12.80 ±13.15
V
q
±12.60
V
VS = ±15V, IL = ±100mA, TA = 25°C
±12.65
±13.0
V
q
±12.55
V
VS = ±5V, RL = 50Ω, TA = 25°C
±3.20
±3.45
V
q
±3.10
V
VS = ±5V, IL = ±100mA, TA = 25°C
±2.75
±3.10
V
q
±2.65
V
VS = ±2.5V, RL = 50Ω, TA = 25°C
±1.25
±1.45
V
q
±1.15
V
VS = ±2.5V, IL = ±50mA, TA = 25°C
±1.00
±1.15
V
q
±0.90
V
IOUT
Maximum Output Current
RL = 1Ω, VS = ±15V
q
±125
±220
mA
RL = 1Ω, VS = ±5V
q
±125
±220
mA
RL = 1Ω, VS = ±2.5V
±140
mA
IS
Supply Current per Amplifier
VS = ±2.5V to ±5V, TA = 25°C
6.0
7.0
mA
q
8.0
mA
VS = ±15V, TA = 25°C
7.0
9.0
mA
q
10.5
mA
Channel Separation
VS = ±15V, VOUT = ±10V, RL = 150Ω
q
100
120
dB
VS = ±5V, VOUT = ±2.5V, RL = 50Ω
q
100
115
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com