Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1497CS8 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1497CS8
Description  Dual 125mA, 50MHz Current Feedback Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1497CS8 Datasheet(HTML) 1 Page - Linear Technology

  LT1497CS8 Datasheet HTML 1Page - Linear Technology LT1497CS8 Datasheet HTML 2Page - Linear Technology LT1497CS8 Datasheet HTML 3Page - Linear Technology LT1497CS8 Datasheet HTML 4Page - Linear Technology LT1497CS8 Datasheet HTML 5Page - Linear Technology LT1497CS8 Datasheet HTML 6Page - Linear Technology LT1497CS8 Datasheet HTML 7Page - Linear Technology LT1497CS8 Datasheet HTML 8Page - Linear Technology LT1497CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LT1497
Dual 125mA, 50MHz
Current Feedback Amplifier
560
Ω
560
Ω
560
Ω
VIN
68.1
Ω
68.1
Ω
1:1*
135
Ω
560
Ω
1/2 LT1497
1/2 LT1497
*MIDCOM 671-7807
1419 TA01
2nd and 3rd Harmonic Distortion of
HDSL2 Single Pair Line Driver
FREQUENCY (Hz)
100k
–90
–80
–70
–60
–50
1M
2M
1497 TA02
–40
VS = ±5V
VIN = ±1.25V
VOUT = ±2.5V
3RD
2ND
HDSL2 Single Pair Line Driver
s
Minimum Output Current:
±125mA
s
Maximum Supply Current per Amp: 7mA, VS = ±5V
s
Bandwidth: 50MHz, VS = ±15V
s
Slew Rate: 900V/
µs, VS = ±15V
s
Wide Supply Range: VS = ±2.5V to ±15V
(Enhanced
θJA 16-Pin SO Package)
s
Enhanced
θJA SO-8 Package for ±5V Operation
s
0.02% Differential Gain: AV = 2, RL = 150Ω
s
0.015
° Differential Phase: AV = 2, RL = 150Ω
s
±13V Output Swing: IL = 100mA, VS = ±15V
s
±3.1V Output Swing: IL = 100mA, VS = ±5V
s
55ns Settling Time to 0.1%, 10V Step
s
Thermal Shutdown Protection
FEATURES
DESCRIPTION
The LT
®1497 dual current feedback amplifier features low
power, high output drive, excellent video characteristics
and outstanding distortion performance. From a low 7mA
maximum supply current per amplifier, the LT1497 drives
±100mAwithonly1.9Vofheadroom.Twistedpairscanbe
driven differentially with – 70dBc distortion up to 1MHz for
±40mA peak signals.
The LT1497 is available in a low thermal resistance 16-pin
SO package for operation with supplies up to
±15V. For
±5V operation the device is also available in a low thermal
resistance SO-8 package. The device has thermal and
current limit circuits that protect against fault conditions.
The LT1497 is manufactured on Linear Technology’s
complementary bipolar process. The device has charac-
teristics that bridge the performance between the LT1229
and LT1207 dual current feedback amplifiers. The LT1229
has 30mA output drive, 100MHz bandwidth and 12mA
supply current. The LT1207 has 250mA output drive,
60MHz bandwidth and 40mA supply current.
, LTC and LT are registered trademarks of Linear Technology Corporation.
APPLICATIONS
s
Twisted-Pair Drivers
s
Video Amplifiers
s
Cable Drivers
s
Test Equipment Amplifiers
s
Buffers
TYPICAL APPLICATION


Similar Part No. - LT1497CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1497 LINER-LT1497 Datasheet
264Kb / 12P
Dual 125mA, 50MHz Current Feedback Amplifier
LT1497 LINER-LT1497_15 Datasheet
264Kb / 12P
Dual 125mA, 50MHz Current Feedback Amplifier
More results

Similar Description - LT1497CS8

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5292C ELANTEC-EL5292C Datasheet
307Kb / 15P
Dual 600MHz Current Feedback Amplifier
EL5293C ELANTEC-EL5293C Datasheet
302Kb / 15P
Dual 300MHz Current Feedback Amplifier
logo
Linear Technology
LT1795 LINER-LT1795 Datasheet
187Kb / 12P
Dual 500mA/50MHz Current Feedback Line Driver Amplifier
logo
Intersil Corporation
EL2020 INTERSIL-EL2020 Datasheet
257Kb / 14P
50MHz Current Feedback Amplifier
December 1995
HA5023883 INTERSIL-HA5023883 Datasheet
813Kb / 19P
Dual 125MHz Video Current Feedback Amplifier
January 1995
logo
Linear Technology
LT1795 LINER-LT1795_15 Datasheet
160Kb / 12P
Dual 500mA/50MHz Current Feedback Line Driver Amplifier
LT1207 LINER-LT1207_15 Datasheet
323Kb / 16P
Dual 250mA/60MHz Current Feedback Amplifier
LT1497 LINER-LT1497_15 Datasheet
264Kb / 12P
Dual 125mA, 50MHz Current Feedback Amplifier
logo
Texas Instruments
OPA2681 TI1-OPA2681 Datasheet
377Kb / 22P
Dual Wideband, Current Feedback OPERATIONAL AMPLIFIER
OPA2691 TI1-OPA2691 Datasheet
1Mb / 30P
Dual Wideband, Current-Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com