Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1497CS Datasheet(PDF) 12 Page - Linear Technology

Part # LT1497CS
Description  Dual 125mA, 50MHz Current Feedback Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1497CS Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1497CS Datasheet HTML 4Page - Linear Technology LT1497CS Datasheet HTML 5Page - Linear Technology LT1497CS Datasheet HTML 6Page - Linear Technology LT1497CS Datasheet HTML 7Page - Linear Technology LT1497CS Datasheet HTML 8Page - Linear Technology LT1497CS Datasheet HTML 9Page - Linear Technology LT1497CS Datasheet HTML 10Page - Linear Technology LT1497CS Datasheet HTML 11Page - Linear Technology LT1497CS Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LT1497
1497f LT/TP 1097 4K • PRINTED IN USA
© LINEAR TECHNOLOGY CORPORATION 1997
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417q (408)432-1900
FAX: (408) 434-0507q TELEX: 499-3977 q www.linear-tech.com
TYPICAL APPLICATION
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1206
Single 250mA, 60MHz Current Feedback Amplifier
Shutdown Function, Stable with CL = 10,000pF,
900V/
µs Slew Rate
LT1207
Dual 250mA, 60MHz Current Feedback Amplifier
Dual Version of LT1206
LT1210
Single 1A, 30MHz Current Feedback Amplifier
Higher Output Version of LT1206
LT1229/LT1230
Dual/Quad 100MHz Current Feedback Amplifiers
30mA Output Current, 1000V/
µs Slew Rate
LT1363/LT1364/LT1365
Single/Dual/Quad 70MHz, 1000V/
µs, C-LoadTM Amplifiers
50mA Output Current, 1.5mV Max VOS, 2µA Max IB
C-Load is a trademark of Linear Technology Corporation.
–
+
1.8k
200
Ω
3
Ω
1497 TA05
1/2 LT1497
–
+
1.8K
200
Ω
3
Ω
1/2 LT1497
VOUT
Q1
D45VH4
Q2
D44VH4
0.033
Ω
0.033
Ω
6.2
Ω
6.2
Ω
0.01
µF
15V
– 15V
VIN
0.01
µF
V +
V –
FREQUENCY (Hz)
10k
16
17
18
19
20
100k
1M
10M
1497 TA06
15
14
13
12
21
22
RL = 50Ω
RL = 2.5Ω
VS = ±15V
AV = 10
RF = 1.8k
RG = 200Ω
VOUT = 6VP-P
±4A Current Boosted Power Amp (AV = 10)
Frequency Response of Current Boosted Power Amp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com