Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1497CS Datasheet(PDF) 4 Page - Linear Technology

Part # LT1497CS
Description  Dual 125mA, 50MHz Current Feedback Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1497CS Datasheet(HTML) 4 Page - Linear Technology

  LT1497CS Datasheet HTML 1Page - Linear Technology LT1497CS Datasheet HTML 2Page - Linear Technology LT1497CS Datasheet HTML 3Page - Linear Technology LT1497CS Datasheet HTML 4Page - Linear Technology LT1497CS Datasheet HTML 5Page - Linear Technology LT1497CS Datasheet HTML 6Page - Linear Technology LT1497CS Datasheet HTML 7Page - Linear Technology LT1497CS Datasheet HTML 8Page - Linear Technology LT1497CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LT1497
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SR
Slew Rate
VS = ±15V, TA = 25°C (Note 4)
500
900
V/
µs
q
400
V/
µs
VS = ±5V, TA = 25°C (Note 4)
200
350
V/
µs
q
150
V/
µs
BW
Small-Signal Bandwidth
VS = ±15V, RF = RG = 560Ω, RL = 100Ω
50
MHz
VS = ±5V, RF = RG = 560Ω, RL = 100Ω
35
MHz
VS = ±2.5V, RF = RG = 560Ω, RL = 100Ω
30
MHz
tr
Small-Signal Rise Time
VS = ±15V, RF = RG = 560Ω, RL = 100Ω
7.5
ns
VS = ±5V, RF = RG = 560Ω, RL = 100Ω
9.5
ns
VS = ±2.5V, RF = RG = 560Ω, RL = 100Ω
11
ns
Overshoot
VS = ±15V, RF = RG = 560Ω, RL = 100Ω
15
%
VS = ±5V, RF = RG = 560Ω, RL = 100Ω
12
%
VS = ±2.5V, RF = RG = 560Ω, RL = 100Ω
10
%
Propagation Delay
VS = ±15V, RF = RG = 560Ω, RL = 100Ω
6.8
ns
VS = ±5V, RF = RG = 560Ω, RL = 100Ω
8.4
ns
VS = ±2.5V, RF = RG = 560Ω, RL = 100Ω
9.7
ns
ts
Settling Time
VS = ±15V, 10V Step, 0.1%, AV = – 1
55
ns
VS = ±5V, 5V Step, 0.1%, AV = – 1
50
ns
Differential Gain (Note 5)
VS = ±15V, RF = RG = 510Ω, RL = 150Ω
0.02
%
VS = ±15V, RF = RG = 510Ω, RL = 50Ω
0.19
%
VS = ±5V, RF = RG = 510Ω, RL = 150Ω
0.08
%
VS = ±5V, RF = RG = 510Ω, RL = 50Ω
0.41
%
Differential Phase (Note 5)
VS = ±15V, RF = RG = 510Ω, RL = 150Ω
0.015
Deg
VS = ±15V, RF = RG = 510Ω, RL = 50Ω
0.235
Deg
VS = ±5V, RF = RG = 510Ω, RL = 150Ω
0.045
Deg
VS = ±5V, RF = RG = 510Ω, RL = 50Ω
0.310
Deg
VCM = 0V, ±2.5V ≤ VS ≤ ±15V (LT1497CS), ±2.5V ≤ VS ≤ ±5V (LT1497CS8), pulse tested unless otherwise noted.
The q denotes specifications which apply over the full operating
temperature range.
Note 1: Applies to short circuits to ground only. A short circuit between the
output and either supply may damage the part when operated on supplies
greater than
±10V
Note 2: The LT1497 is designed, characterized and expected to operate
over the temperature range of – 40
°C to 85°C, but is not tested at –40°C
and 85
°C. Guaranteed industrial grade parts are available, consult factory.
Note 3: Thermal resistance varies depending upon the amount of PC board
metal attached to the device.
θJA is specified for a 2500mm2 test board
covered with 2oz copper on both sides.
Note 4: Slew rate is measured between
±5V on a ±10V output signal while
operating on
±15V supplies with RF = 453Ω, RG = 49.9Ω and RL = 150Ω.
On
±5V supplies slew rate is measured between ±1V on a ±3V output
signal. The slew rate is much higher when the input is overdriven and
when the amplifier is operated inverting. See the Applications Information
section.
Note 5: NTSC composite video with an amplifier output level of 2V peak.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com