Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1508CSW Datasheet(PDF) 12 Page - Linear Technology

Part # LT1508CSW
Description  Power Factor and PWM Controller(Voltage Mode)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1508CSW Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1508CSW Datasheet HTML 8Page - Linear Technology LT1508CSW Datasheet HTML 9Page - Linear Technology LT1508CSW Datasheet HTML 10Page - Linear Technology LT1508CSW Datasheet HTML 11Page - Linear Technology LT1508CSW Datasheet HTML 12Page - Linear Technology LT1508CSW Datasheet HTML 13Page - Linear Technology LT1508CSW Datasheet HTML 14Page - Linear Technology LT1508CSW Datasheet HTML 15Page - Linear Technology LT1508CSW Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
LT1508
The total equivalent 120Hz ripple in the output capacitor
can be calculated by:
IHF
1.43
IRMS =I120HZ2 +
()2
IHF = 100kHz Ripple Current.
For ILOAD(DC) = 0.88A, 1120Hz = 0.62A and the equivalent
120Hz ripple current is:
1.79
1.43
IRMS =
= 1.4ARMS
0.622 +
()2
Table 1 lists the ripple current components from lab
measurements for various output powers and line volt-
ages. The 120Hz ripple current rating at 105
°C ambient is
1.72A for the 470
µF KMH 35mm × 50mm capacitor. The
expected life of the output capacitor may be calculated
from thermal stress analysis:
(105
°C + ∆TK) – (TA + ∆TO)
10
L = (LO)2
where
L = Expected life time
LO = Hours of load life at rated ripple current and rated
ambient temperature
∆TK = Capacitor internal temperature rise at rated
condition.
∆TK = (I2R)/(KA), where I is the rated cur-
rent, R is capacitor ESR and KA is a volume constant.
TA = Operating ambient temperature
∆TO = Capacitor internal temperature rise at operating
condition
APPLICATIONS INFORMATION
Table 1. PFC Capacitor RMS Ripple Current
100W
200W
300W
VINRMS
I120HZ
IHF
I120HZ
IHF
I120HZ
IHF
100
0.2
0.6
0.41
1.18
0.62
1.79
120
0.2
0.5
0.41
0.97
0.62
1.45
230
0.2
0.53
0.41
0.87
0.62
1.26
In our example, LO = 2000 hours assuming ∆TK = 5°C at
rated 1.72A.
∆TO can then be calculated from:
IRMS
1.72A
∆TO = ∆TK
= 5
°C
()2 1.4A =3.3°C
1.72A
()2
Assuming the operating ambient temperature is 60
°C, the
approximate lifetime is:
(105
°C + 5°C) – (60 + 3.3°C)
10
L = (2000)(2)
= 50,870 Hours
For longer life a capacitor with a higher ripple current rating
or parallel capacitors should be used.
PWM Comparators
The LT1508 includes two comparators in the PWM section
which implement voltage mode PWM control. The VC or
control voltage pin sets duty factor. An additional current
limit comparator turns GTDR2 off in the event the ILIM pin
voltage exceeds 1.1V. On-chip blanking avoids reset due
to leading edge noise.
Typical Application
Figure 9 shows a 24VDC, 300W power factor corrected,
universal input supply. The 2-transistor forward converter
offers many benefits including low peak currents,
nondissipative snubber, 500VDC switches and automatic
core reset guaranteed by the LT1508’s 50% maximum
duty cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com