Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1508CSW Datasheet(PDF) 7 Page - Linear Technology

Part # LT1508CSW
Description  Power Factor and PWM Controller(Voltage Mode)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1508CSW Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1508CSW Datasheet HTML 3Page - Linear Technology LT1508CSW Datasheet HTML 4Page - Linear Technology LT1508CSW Datasheet HTML 5Page - Linear Technology LT1508CSW Datasheet HTML 6Page - Linear Technology LT1508CSW Datasheet HTML 7Page - Linear Technology LT1508CSW Datasheet HTML 8Page - Linear Technology LT1508CSW Datasheet HTML 9Page - Linear Technology LT1508CSW Datasheet HTML 10Page - Linear Technology LT1508CSW Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LT1508
RSET (Pin 15): A resistor from RSET to GND sets the
oscillator charging current and the maximum multiplier
output current which is used to limit the maximum line
current.
IM(MAX) = 3.75V/RSET
SS1 (Pin 16): Soft Start. SS1 is reset to zero for low VCC.
When VCC rises above the lockout threshold, SS1 is
released to ramp up at a rate set by the internal 12
µA
current source and an external capacitor. During this ramp
up, PFC reference voltage is equal to SS1 voltage. After
SS1 rises past 7.5V, reference voltage remains at 7.5V.
VCC (Pin 17): This is the supply for the chip. The LT1508
has two fast gate drivers required to fast charge high
power MOSFET gate capacitances. Good supply bypass-
ing is required consisting of a 0.1
µF ceramic capacitor in
parallel with a low ESR electrolytic capacitor (56
µF or
higher) in close proximity to IC GND.
PWM SECTION
SS2 (Pin 13): PWM Soft Start. The comparator PWMOK
monitors the OVP pin and releases the SS2 after the PFC
output gets close to the final voltage.
VC (Pin 18): PWM voltage mode control voltage. Normally
connects to the optocoupler amplifier output. A pull-up
current of 50
µA flows out of the pin.
ILIM (Pin 19): PWM current sense input with limit set to
1.1V.
GTDR2 (Pin 20): The PWM MOSFET gate driver is a 1.5A
fast totem pole output. It is clamped at 15V. Capacitive
loads like the MOSFET gates may cause overshoot. A gate
series resistor of at least 5
Ω will prevent the overshoot.
APPLICATIONS INFORMATION
Voltage Error Amplifier (PFC Section)
The voltage error amplifier has a 100dB DC gain and 3MHz
unity-gain frequency. The output is internally clamped at
13.3V with VCC = 18V. Maximum error amp output voltage
decreases to VCC – 1.5V for VCC less than 12V. The
noninverting input is tied to the 7.5VREF through a diode
and can be pulled down with the SS1 pin. Referring to
Figure 1, VOUT = VREF [(R1 + R2)/R2]. With R1 = 1M and
R2 = 20k, VOUT = 382V. R1 through R4, C1 and C2 form the
compensation for the voltage loop. Gain of the voltage
error amp with the values shown is given by:
VAOUT
VOUT
= –
1 + j
(j)(f)(6.6)
f
1
f
11
1 + j
)
)
The small-signal gain for the remaining portion of the
voltage loop for frequencies below the current loop band-
width is (see Figure 2):
VOUT
VAOUT
VIN
(5
π)(j)(f)(COUT)(VOUT)
(RREF)(PIN)
RS(RIAC + 25k)
=
C1
0.47
µF
7.5VREF
1.05VREF
OVERVOLTAGE
COMPARATOR
LT1508
R3
20k
R4
330k
C2
0.047
µF
REGULATOR OUTPUT
VOUT = 382V
1508 • F01
VSENSE
OVP
VAOUT
ERROR AMP
R1
1M
R2
20k
–
+
–
+
Figure 1
(For application help with the PFC portion of this chip, see the LT1248 data sheet)
PIN FUNCTIONS
With VIN = 120VAC, PIN = 150W, RS = 0.15Ω, RREF = 4k,
RIAC = 1M, VOUT = 382V and COUT = 470µF, VOUT/VAOUT =
85/(j)(f). At very low frequencies, the loop has a – 40dB/
decade slope. Additional zero-pole compensation is added
at 1Hz and 11Hz. The resulting loop gain and phase margin
is shown in Figure 3. The unity-gain bandwidth is low
compared to 120Hz, which results in low distortion and a
high power factor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com