Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1513 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1513
Description  SEPIC Constant- or Programmable-Current/ Constant-Voltage Battery Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1513 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1513 Datasheet HTML 8Page - Linear Technology LT1513 Datasheet HTML 9Page - Linear Technology LT1513 Datasheet HTML 10Page - Linear Technology LT1513 Datasheet HTML 11Page - Linear Technology LT1513 Datasheet HTML 12Page - Linear Technology LT1513 Datasheet HTML 13Page - Linear Technology LT1513 Datasheet HTML 14Page - Linear Technology LT1513 Datasheet HTML 15Page - Linear Technology LT1513 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LT1513/LT1513-2
TYPICAL APPLICATIONS
Lithium-Ion Battery Charger with
Switchable Charge Current
Many battery chemistries require several constant-current
settings during the charging cycle. The circuit shown in
Figure 8 uses the LT1513-2 to provide switchable 1.35A and
0.13A constant-current modes. The circuit is based on a
standard SEPIC battery charger circuit set to a single
lithium-ion cell charge voltage of 4.1V. The LT1513-2 has IFB
referenced to ground allowing a simple resistor network to
set the charging current values. In constant-current mode,
the IFB error amplifier drives the FB pin, increasing charging
current, until IR4 is balanced by IR5.
I
IR
I
R
CHARGE
R
FBVOS
=
()(
) –
5
4
3
There are several ways to control IR5includingDAC,PWMor
resistor network as shown here. If the lithium cell requires
precharging, Q1 is turned on, setting a constant current of
0.13A. When charge voltage is reached, Q1 is turned off,
programming the full charge current of 1.35A. As the cell
voltage approaches 4.1V, the voltage sensing network (R1,
R2) starts driving the VFB pin, changing the LT1513-2 to
constant-voltage mode. As charging current falls, the output
remains in constant-voltage mode for the remainder of the
charging cycle. When charging is complete, the LT1513-2
can be shut down with the S/S pin.
LT1513-2
L1A
CTX10-4
L1B
GND
IFB
1513 F08
VSW
VFB
1
7
6
3
5
2
VC
VIN
VIN
S/S
R3
330
Ω
R5
36k
R4
4.7k
C5
0.1
µF
4
C4
0.22
µF
C2
4.7
µF
D1
MBRS330T3
C1
22
µF
25V
×2
+
C3
25
µF
25V
R7
910
Ω
Q1
R6
10k
3.3V
R3
0.25
Ω
R1
78.7k
0.5%
Li-Ion
RECHARGABLE
CELL
GND
R2
34k
0.5%
+
CHARGE
SHUTDOWN
PRECHARGE
CHARGE
•
•
Figure 8. Lithium-Ion Battery Charger



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com