Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1513 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1513
Description  SEPIC Constant- or Programmable-Current/ Constant-Voltage Battery Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1513 Datasheet(HTML) 2 Page - Linear Technology

  LT1513 Datasheet HTML 1Page - Linear Technology LT1513 Datasheet HTML 2Page - Linear Technology LT1513 Datasheet HTML 3Page - Linear Technology LT1513 Datasheet HTML 4Page - Linear Technology LT1513 Datasheet HTML 5Page - Linear Technology LT1513 Datasheet HTML 6Page - Linear Technology LT1513 Datasheet HTML 7Page - Linear Technology LT1513 Datasheet HTML 8Page - Linear Technology LT1513 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT1513/LT1513-2
A
G
A
U
A
R
BSOLUTEXI
TI
S
Supply Voltage ....................................................... 30V
Switch Voltage ........................................................ 40V
S/S Pin Voltage ....................................................... 30V
FB Pin Voltage (Transient, 10ms) .........................
±10V
VFB Pin Current .................................................... 10mA
IFB Pin Voltage (Transient, 10ms) ......................... ±10V
Operating Junction Temperature Range
LT1513C ............................................... 0
°C to 125°C
LT1513I ............................................ – 40
°C to 125°C
Short Circuit ......................................... 0
°C to 150°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec) ................. 300
°C
ELECTRICAL C
C
HARA TERISTICS
VIN = 5V, VC = 0.6V, VFB = VREF, IFB = 0V, VSW and S/S pins open, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VREF
FB Reference Voltage
Measured at FB Pin
1.233
1.245
1.257
V
VC = 0.8V
q
1.228
1.245
1.262
V
FB Input Current
VFB = VREF
300
550
nA
q
600
nA
FB Reference Voltage Line Regulation
2.7V
≤ VIN ≤ 25V, VC = 0.8V
q
0.01
0.03
%/V
VIREF
IFB Reference Voltage (LT1513)
Measured at IFB Pin
– 107
– 100
– 93
mV
VFB = 0V, VC = 0.8V
q
–110
– 100
– 90
mV
IFB Input Current
VIFB = VIREF (Note 2)
q
10
25
35
µA
IFB Reference Voltage Line Regulation
2.7V
≤ VIN ≤ 25V, VC = 0.8V
q
0.01
0.05
%/V
IFBVOS
IFB Voltage Offset (LT1513-2) (Note 3)
IVFB = 60µA (Note 4)
q
– 7.5
2.5
12.5
mV
IFB Input Current
VIFB = VIREF
q
– 200
– 10
0
nA
VFB Source Current
VIREF = – 10mV, VFB = 1.2V
q
– 700
– 300
– 100
µA
gm
Error Amplifier Transconductance
∆IC = ±25µA
1100
1500
1900
µmho
q
700
2300
µmho
Error Amplifier Source Current
VFB = VREF – 150mV, VC = 1.5V
q
120
200
350
µA
Error Amplifier Sink Current
VFB = VREF + 150mV, VC = 1.5V
q
1400
2400
µA
PACKAGE/ORDER I FOR ATIO
Consult factory for Military grade parts.
ORDER PART
NUMBER
LT1513CR
LT1513CR-2
LT1513IR
LT1513IR-2
TJMAX = 125°C, θJA = 30°C/ W
WITH PACKAGE SOLDERED TO 0.5INCH2 COPPER
AREA OVER BACKSIDE GROUND PLANE OR INTERNAL
POWER PLANE,
θJA CAN VARY FROM 20°C/W TO
> 40
°C/W DEPENDING ON MOUNTING TECHNIQUE
R PACKAGE
7-LEAD PLASTIC DD
FRONT VIEW
TAB
IS
GND
VIN
S/S
VSW
GND
IFB
FB
VC
7
6
5
4
3
2
1
ORDER PART
NUMBER
LT1513CT7-2
LT1513IT7-2
TJMAX = 125°C, θJA = 50°C/ W, θJC = 4°C/W
T7 PACKAGE
7-LEAD TO-220
VIN
S/S
VSW
GND
IFB
FB
VC
FRONT VIEW
7
6
5
4
3
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com