Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1372 Datasheet(PDF) 14 Page - Linear Technology

Part # LT1372
Description  4.5A, 500kHz Step-Down Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1372 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1372 Datasheet HTML 10Page - Linear Technology LT1372 Datasheet HTML 11Page - Linear Technology LT1372 Datasheet HTML 12Page - Linear Technology LT1372 Datasheet HTML 13Page - Linear Technology LT1372 Datasheet HTML 14Page - Linear Technology LT1372 Datasheet HTML 15Page - Linear Technology LT1372 Datasheet HTML 16Page - Linear Technology LT1372 Datasheet HTML 17Page - Linear Technology LT1372 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
14
LT1506
APPLICATIONS INFORMATION
2.38V
0.4V
GND
VSW
LT1506
INPUT
RFB
RHI
1506 F04
OUTPUT
SHDN
LOCKOUT
IN
TOTAL
SHUTDOWN
3.5
µA
RLO
C1
+
Figure 4. Undervoltage Lockout
Keep the connections from the resistors to the shutdown
pin short and make sure that interplane or surface capaci-
tance to the switching nodes are minimized. If high
resistor values are used, the shutdown pin should be
bypassed with a 1000pF capacitor to prevent coupling
problems from the switch node. If hysteresis is desired in
the undervoltage lockout point, a resistor RFB can be
added to the output node. Resistor values can be calcu-
lated from:
R
RV
V V
V
RA
RR
V
V
HI
LO
IN
OUT
FB
HI
OUT
=
−+
()+
[]
−
()
=
()(
)
238
1
238
2 35
./
..
/
∆∆
∆
µ
25k suggested for RLO
VIN = Input voltage at which switching stops as input
voltage descends to trip level
∆V = Hysteresis in input voltage level
Example: output voltage is 5V, switching is to stop if input
voltage drops below 6V and should not restart unless
input rises back to 7.5V.
∆V is therefore 1.5V and VIN= 6V.
Let RLO = 25k.
R
k
kA
k
k
Rk
k
HI
FB
=
−+
()+
[]
−
()
=
()
=
=
()=
25 6
238 1 5 5 1
1 5
238 25 3 5
25 5 2
229
48
48 5 1 5
160
.. /
.
..
.
.
/.
µ
SWITCH NODE CONSIDERATIONS
For maximum efficiency, switch rise and fall times are
made as short as possible. To prevent radiation and high
frequency resonance problems, proper layout of the com-
ponents connected to the switch node is essential. B field
(magnetic) radiation is minimized by keeping catch diode,
switch pin, and input bypass capacitor leads as short as
possible. E field radiation is kept low by minimizing the
length and area of all traces connected to the switch pin
and BOOST pin. A ground plane should always be used
under the switcher circuitry to prevent interplane cou-
pling. A suggested layout for the critical components is
shown in Figure 5. Note that the feedback resistors and
compensation components are kept as far as possible



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com