Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1372 Datasheet(PDF) 17 Page - Linear Technology

Part # LT1372
Description  4.5A, 500kHz Step-Down Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1372 Datasheet(HTML) 17 Page - Linear Technology

Back Button LT1372 Datasheet HTML 13Page - Linear Technology LT1372 Datasheet HTML 14Page - Linear Technology LT1372 Datasheet HTML 15Page - Linear Technology LT1372 Datasheet HTML 16Page - Linear Technology LT1372 Datasheet HTML 17Page - Linear Technology LT1372 Datasheet HTML 18Page - Linear Technology LT1372 Datasheet HTML 19Page - Linear Technology LT1372 Datasheet HTML 20Page - Linear Technology LT1372 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
17
LT1506
APPLICATIONS INFORMATION
The term inside the radical has a maximum value of 0.5
when input voltage is twice output, and stays near 0.5 for
a relatively wide range of input voltages. It is common
practice therefore to simply use the worst-case value and
assume that RMS ripple current is one half of load current.
At maximum output current of 4.5A for the LT1506, the
input bypass capacitor should be rated at 2.25A ripple
current. Note however, that there are many secondary
considerations in choosing the final ripple current rating.
These include ambient temperature, average versus peak
load current, equipment operating schedule, and required
product lifetime. For more details, see Application Notes
19 and 46, and Design Note 95.
Input Capacitor Type
Some caution must be used when selecting the type of
capacitor used at the input to regulators. Aluminum
electrolytics are lowest cost, but are physically large to
achieve adequate ripple current rating, and size con-
straints (especially height), may preclude their use.
Ceramic capacitors are now available in larger values, and
their high ripple current and voltage rating make them
ideal for input bypassing. Cost is fairly high and footprint
may also be somewhat large. Solid tantalum capacitors
would be a good choice, except that they have a history of
occasional spectacular failures when they are subjected to
large current surges during power-up. The capacitors can
short and then burn with a brilliant white light and lots of
nasty smoke. This phenomenon occurs in only a small
percentage of units, but it has led some OEM companies
to forbid their use in high surge applications. The input
bypass capacitor of regulators can see these high surges
when a battery or high capacitance source is connected.
Several manufacturers have developed a line of solid
tantalum capacitors specially tested for surge capability
(AVX TPS series for instance, see Table 3), but even these
units may fail if the input voltage surge approaches the
maximum voltage rating of the capacitor. AVX recom-
mends derating capacitor voltage by 2:1 for high surge
applications.
Larger capacitors may be necessary when the input volt-
age is very close to the minimum specified on the data
sheet. Small voltage dips during switch on time are not
normally a problem, but at very low input voltage they may
cause erratic operation because the input voltage drops
below the minimum specification. Problems can also
occur if the input-to-output voltage differential is near
minimum. The amplitude of these dips is normally a
function of capacitor ESR and ESL because the capacitive
reactance is small compared to these terms. ESR tends to
be the dominate term and is inversely related to physical
capacitor size within a given capacitor type.
SYNCHRONIZING (-SYNC Option for DD Package)
The SYNC pin, is used to synchronize the internal oscilla-
tor to an external signal. The SYNC input must pass from
a logic level low, through the maximum synchronization
threshold with a duty cycle between 10% and 90%. The
input can be driven directly from a logic level output. The
synchronizing range is equal to
initial operating frequency
up to 1MHz. This means that
minimum practical sync
frequency is equal to the worst-case
high self-oscillating
frequency (560kHz), not the typical operating frequency of
500kHz. Caution should be used when synchronizing
above 700kHz because at higher sync frequencies the
amplitude of the internal slope compensation used to
prevent subharmonic switching is reduced. This type of
subharmonic switching only occurs at input voltages less
than twice output voltage. Higher inductor values will tend
to eliminate this problem. See Frequency Compensation
section for a discussion of an entirely different cause of
subharmonic switching before assuming that the cause is
insufficient slope compensation. Application Note 19 has
more details on the theory of slope compensation.
At power-up, when VC is being clamped by the FB pin (see
Figure 2, Q2), the sync function is disabled. This allows the
frequency foldback to operate in the shorted output con-
dition. During normal operation, switching frequency is
controlled by the internal oscillator until the FB pin reaches
1.5V, after which the SYNC pin becomes operational.
THERMAL CALCULATIONS
Power dissipation in the LT1506 chip comes from four
sources: switch DC loss, switch AC loss, boost circuit
current, and input quiescent current. The following



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com