Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1571 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1571
Description  Constant-Current/ Constant-Voltage Battery Charger with Preset Voltage and Termination Flag
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1571 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1571 Datasheet HTML 8Page - Linear Technology LT1571 Datasheet HTML 9Page - Linear Technology LT1571 Datasheet HTML 10Page - Linear Technology LT1571 Datasheet HTML 11Page - Linear Technology LT1571 Datasheet HTML 12Page - Linear Technology LT1571 Datasheet HTML 13Page - Linear Technology LT1571 Datasheet HTML 14Page - Linear Technology LT1571 Datasheet HTML 15Page - Linear Technology LT1571 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LT1571 Series
Figure 13. Critical Electrical and Thermal Path Layer for LT1571-5
Lower Dropout Voltage
For even lower dropout and/or reducing heat on the
board, the input diode D3 can be replaced with a FET (see
Figure 11). Connect a P-channel FET in place of the input
diode with its gate connected to the battery (SENSE pin)
causing the FET to turn off when the input voltage goes
low. The problem is that the gate must be pumped low so
that the FET is fully turned on even when the input is only
a volt or two above the battery voltage. Also there is a turn-
off speed issue. The FET should turn off instantly when the
input is dead shorted to avoid large current surges from
the battery back through the charger into the FET. Gate
capacitance slows turn off, so a small P-FET (Q2) dis-
charges the gate capacitance quickly in the event of an
input short. The body diode of Q2 creates the necessary
pumping action to keep the gate of Q1 low during normal
operation.
Figure 12. High Speed Switching Path
Layout Considerations
Switch rise and fall times are under 10ns for maximum
efficiency. To minimize radiation, the catch diode, SW pin
and input bypass capacitor leads should be kept as short
as possible. A ground plane should be used under the
switching circuitry to prevent interplane coupling and to
act as a thermal spreading path. All ground pins should be
connected to expand traces for low thermal resistance.
The fast-switching high current ground path including the
switch, catch diode and input capacitor should be kept
very short. Catch diode and input capacitor should be
close to the chip and terminated to the same point. This
path contains nanosecond rise and fall times with several
amps of current. The other paths contain only DC and /or
200kHz or 500kHz triwave and are less critical. Figure 12
indicates the high speed, high current switching path.
Figure 13 shows critical path layout.
Figure 11. Replacing the Input Diode
VX
3V TO 6V
HIGH DUTY CYCLE
CONNECTION
VIN
1571 F11
C3
L1
D2
D1
Q2
Q1
RX
50k
Q1: Si4435DY
Q2: TP0610L
CX
10
µF
VBAT
BOOST
SW
SENSE
VCC
LT1571
BAT
+
+
APPLICATIO S I FOR ATIO
1571 F12
VBAT
L1
VIN
HIGH
FREQUENCY
CIRCULATING
PATH
BAT
SWITCH NODE
CIN
COUT
D1
L1
CIN
GND
1571 F13
LT1571-5
GND
VCC2
VCC1
CAP
PROG
VC
BAT
GND
GND
SW
BOOST
BAT2
FLAG
SELECT
SENSE
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com