Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1571 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1571
Description  Constant-Current/ Constant-Voltage Battery Charger with Preset Voltage and Termination Flag
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1571 Datasheet(HTML) 2 Page - Linear Technology

  LT1571 Datasheet HTML 1Page - Linear Technology LT1571 Datasheet HTML 2Page - Linear Technology LT1571 Datasheet HTML 3Page - Linear Technology LT1571 Datasheet HTML 4Page - Linear Technology LT1571 Datasheet HTML 5Page - Linear Technology LT1571 Datasheet HTML 6Page - Linear Technology LT1571 Datasheet HTML 7Page - Linear Technology LT1571 Datasheet HTML 8Page - Linear Technology LT1571 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT1571 Series
Supply Voltage (VCC) .............................................. 28V
BOOST Pin Voltage with Respect to VCC ................. 20V
FLAG Pin Voltage ..................................................... VCC
IBAT (Average)........................................................ 1.5A
Switch Current (Peak) .............................................. 2A
Storage Temperature Range ................. – 65
°C to 150°C
Operating Ambient
Temperature Range (Note 2) .................. – 40
°C to 85°C
Operating Junction
Temperature Range .............................. – 40
°C to 125°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
Consult factory for Industrial and Military grade parts.
* VCC1 AND VCC2 SHOULD BE CONNECTED
TOGETHER CLOSE TO THE PINS
** FOUR CORNER PINS ARE FUSED TO
INTERNAL DIE ATTACH PADDLE FOR
HEAT SINKING. CONNECT THESE FOUR
PINS TO EXPANDED PC LANDS FOR
PROPER HEAT SINKING
LT1571EGN-1
ORDER PART NUMBER
TJMAX = 125°C, θJA = 40°C/ W
TOP VIEW
GN PACKAGE
16-LEAD NARROW PLASTIC SSOP
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
**GND
SW
BOOST
BAT2
FLAG
SELECT
SENSE
**GND
GND**
VCC1*
VCC2*
CAP
PROG
VC
BAT
GND**
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TOP VIEW
GN PACKAGE
28-LEAD NARROW PLASTIC SSOP
28
27
26
25
24
23
22
21
20
19
18
17
16
15
**GND
**GND
**GND
SW
BOOST
BAT2
FLAG
NC
SELECT
SENSE
**GND
**GND
**GND
**GND
GND**
GND**
GND**
GND**
VCC1*
VCC2*
CAP
PROG
VC
BAT
GND**
GND**
GND**
GND**
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TOP VIEW
GN PACKAGE
28-LEAD NARROW PLASTIC SSOP
28
27
26
25
24
23
22
21
20
19
18
17
16
15
**GND
**GND
**GND
SW
BOOST
NC
FLAG
NC
VFB
SENSE
**GND
**GND
**GND
**GND
GND**
GND**
GND**
GND**
VCC1*
VCC2*
CAP
PROG
VC
BAT
GND**
GND**
GND**
GND**
* VCC1 AND VCC2 SHOULD BE CONNECTED TOGETHER
CLOSE TO THE PINS
** ALL GND PINS ARE FUSED TO INTERNAL DIE ATTACH
PADDLE FOR HEAT SINKING. CONNECT THESE PINS TO
EXPANDED PC LANDS FOR PROPER HEAT SINKING
40
°C/W THERMAL RESISTANCE ASSUMES AN INTERNAL
GROUND PLANE DOUBLING AS A HEAT SPREADER
TJMAX = 125°C, θJA = 40°C/ W
* VCC1 AND VCC2 SHOULD BE CONNECTED TOGETHER
CLOSE TO THE PINS
** ALL GND PINS ARE FUSED TO INTERNAL DIE ATTACH
PADDLE FOR HEAT SINKING. CONNECT THESE PINS TO
EXPANDED PC LANDS FOR PROPER HEAT SINKING
40
°C/W THERMAL RESISTANCE ASSUMES AN INTERNAL
GROUND PLANE DOUBLING AS A HEAT SPREADER
ORDER PART NUMBER
ORDER PART NUMBER
TJMAX = 125°C, θJA = 75°C/ W
LT1571EGN-2
LT1571EGN-5
(Note 1)
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com