Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1573CS8 Datasheet(PDF) 15 Page - Linear Technology

Part # LT1573CS8
Description  Low Dropout PNP Regulator Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1573CS8 Datasheet(HTML) 15 Page - Linear Technology

Back Button LT1573CS8 Datasheet HTML 8Page - Linear Technology LT1573CS8 Datasheet HTML 9Page - Linear Technology LT1573CS8 Datasheet HTML 10Page - Linear Technology LT1573CS8 Datasheet HTML 11Page - Linear Technology LT1573CS8 Datasheet HTML 12Page - Linear Technology LT1573CS8 Datasheet HTML 13Page - Linear Technology LT1573CS8 Datasheet HTML 14Page - Linear Technology LT1573CS8 Datasheet HTML 15Page - Linear Technology LT1573CS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
15
LT1573
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
3.3V to 2.85V/1A Voltage Regulator
High Efficiency 2.5V to 1.5V Converter at 6A Output Current
COMP
VOUT
FB
LATCH
LT1573
+
CTIME
0.5
µF
COUT
VIN
3.3V
RD
91
Ω
1/2W
VOUT
2.85V
GND
1573 TA04
RB
200
Ω
1/8W
R1
1.24k
1/8W
R2
1k
1/8W
LOAD
+
MOTOROLA
D45H11
CIN, COUT = AVX 100µF/10V SURFACE MOUNT TANTALUM CAPACITOR
CTIME = 0.5µF FOR 100ms TIME OUT AT ROOM TEMPERATURE
SHDN (ACTIVE HIGH) PIN SHOULD BE TIED TO GROUND IF IT IS NOT USED
CIN
VIN
DRIVE
SHDN
GND
+
COMP
VOUT
FB
LATCH
LT1573
+
CTIME
0.5
µF
COUT
VIN2
3V
TO 7V
RD
6
Ω
1/2W
VOUT
1.5V
VIN1
2.5V
GND
1573 TA05
RB
200
Ω
1/8W
R1
186
Ω
1/8W
R2
1k
1/8W
LOAD
MOTOROLA
D45H11
CIN1, COUT = AVX 100µF/10V SURFACE MOUNT TANTALUM CAPACITOR
CIN2 = AVX 15µF/10V SURFACE MOUNT TANTALUM CAPACITOR
CTIME = 0.5µF FOR 100ms TIME OUT AT ROOM TEMPERATURE
SHDN (ACTIVE HIGH) PIN SHOULD BE TIED TO GROUND IF IT IS NOT USED
CIN2
VIN
DRIVE
SHDN
GND
+
+
CIN1
+
TYPICAL APPLICATIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com