Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1573CS8 Datasheet(PDF) 16 Page - Linear Technology

Part # LT1573CS8
Description  Low Dropout PNP Regulator Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1573CS8 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1573CS8 Datasheet HTML 8Page - Linear Technology LT1573CS8 Datasheet HTML 9Page - Linear Technology LT1573CS8 Datasheet HTML 10Page - Linear Technology LT1573CS8 Datasheet HTML 11Page - Linear Technology LT1573CS8 Datasheet HTML 12Page - Linear Technology LT1573CS8 Datasheet HTML 13Page - Linear Technology LT1573CS8 Datasheet HTML 14Page - Linear Technology LT1573CS8 Datasheet HTML 15Page - Linear Technology LT1573CS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LT1573
1573fa LT/TP 1299 2K REV A • PRINTED IN USA
©LINEAR TECHNOLOGY CORPORATION 1997
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417q (408)432-1900
FAX: (408) 434-0507q TELEX: 499-3977 q www.linear-tech.com
High Efficiency 2.5V to 1.8V Converter at 5A Output Current
COMP
VOUT
FB
LATCH
LT1573
+
CTIME
0.5
µF
COUT
VIN2
3V
TO 7V
VIN1
2.5V
VOUT
1.8V
RD
6.2
Ω
1/2W
GND
1573 TA06
RB
200
Ω
1/8W
R1
420
Ω
1/8W
R2
1k
1/8W
LOAD
MOTOROLA
D45H11
CIN1, COUT = AVX 100µF/10V SURFACE MOUNT TANTALUM CAPACITOR
CIN2 = AVX 15µF/10V SURFACE MOUNT TANTALUM CAPACITOR
CTIME = 0.5µF FOR 100ms TIME OUT AT ROOM TEMPERATURE
SHDN (ACTIVE HIGH) PIN SHOULD BE TIED TO GROUND IF IT IS NOT USED
CIN2
VIN
DRIVE
SHDN
GND
+
+
CIN1
+
Dimensions in inches (millimeters) unless otherwise noted.
S8 Package
8-Lead Plastic Small Outline (Narrow 0.150)
(LTC DWG # 05-08-1610)
PART NUMBER
DESCRIPTION
COMMENTS
LT1529
3A Micropower Low Dropout Regulator
50
µA Quiescent Current, 0.5V Dropout, Shutdown
LT1575/LT1577
Low Dropout N-Channel MOSFET Regulator Driver
Ultrafast Transient, Adjustable/Fixed Output, Current Limiting
LT1580/LT1581
7A, 10A Very Low Dropout Linear Regulators
For High Current 3.3V to 2.xV Applications
LT1584/LT1585/LT1587
7A/4.6A/3A Low Dropout, Fast Response Regulators
For High Performance Microprocessors
LT1761/LT1762/LT1763
Low Noise LDO Micropower Regulators
20
µA to 30µA Quiescent Current, 20µVRMS Noise
LT1764
3A Fast Transient Response Low Dropout Regulator
340mV Dropout Voltage
RELATED PARTS
0.016 – 0.050
(0.406 – 1.270)
0.010 – 0.020
(0.254 – 0.508)
× 45°
0
°– 8° TYP
0.008 – 0.010
(0.203 – 0.254)
SO8 1298
0.053 – 0.069
(1.346 – 1.752)
0.014 – 0.019
(0.355 – 0.483)
TYP
0.004 – 0.010
(0.101 – 0.254)
0.050
(1.270)
BSC
1
2
3
4
0.150 – 0.157**
(3.810 – 3.988)
8
7
6
5
0.189 – 0.197*
(4.801 – 5.004)
0.228 – 0.244
(5.791 – 6.197)
DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
*
**
TYPICAL APPLICATIO S
PACKAGE DESCRIPTIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com