Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD75336 Datasheet(PDF) 1 Page - NEC

Part # UPD75336
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75336 Datasheet(HTML) 1 Page - NEC

  UPD75336 Datasheet HTML 1Page - NEC UPD75336 Datasheet HTML 2Page - NEC UPD75336 Datasheet HTML 3Page - NEC UPD75336 Datasheet HTML 4Page - NEC UPD75336 Datasheet HTML 5Page - NEC UPD75336 Datasheet HTML 6Page - NEC UPD75336 Datasheet HTML 7Page - NEC UPD75336 Datasheet HTML 8Page - NEC UPD75336 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
DESCRIPTION
The
µPD75336 is one of the “75X-series” 4-bit single-chip microcomputers enabled to process data with
performance equivalent to that of 8-bit microcomputers.
The
µPD75336 is a microcomputer with an expanded capacity of the ROM and RAM of conventional µPD75328
and an improved 8-bit data processing capacity. It can carry out A/D converter low-voltage operations.
For evaluation purposes for system development or small-quantity production, the
µPD75P336 is available which
is a product with the on-chip mask ROM of
µPD75336 replaced with a one-time PROM.
Functions are described in detail in the following User’s Manual, which should be read when carrying out design
work.
µPD75336 User’s Manual: IEU-725
FEATURES
•
µPD75328 upward compatible
• Instruction execution time variable function useful for high-speed operations and power saving
• 0.95, 1.91, 3.81, 15.3
µs (Main system clock: When operated at 4.19 MHz)
• 122
µs (Subsystem clock: When operated at 32.768 kHz)
• Memory capacity:
µPD75336 ROM: 16256 × 8 bits
RAM:
768
× 4 bits
• On-chip 8-bit resolution A/D converter (successive approximation type): 8 channels
• Low-voltage operation possible: VDD = 2.7 to 6.0 V
• On-chip LCD controller/driver
• Maximum of 20
× 4 segments drive possible
• Improved timer functions: 4 channels
• Improved 8-bit data processing capability
• Transfer, add/subtract, increase/decrease and compare possible
• Ultra-compact package in use (80-pin plastic TQFP (fine pitch)( 12 mm))
• On-chip PROM (
µPD75P336) operative at low voltages available
• VDD = 2.7 to 6.0 V
APPLICATIONS
Cameras, VCR integrated cameras, air conditioners, sphygmomanometers, etc.
µPD75336
4-BIT SINGLE-CHIP MICROCOMPUTER
© NEC Corporation 1991
Document No.
IC-2893C
(O.D. No.
IC-7972C)
Date Published February 1994 P
Printed in Japan
The information in this document is subject to change without notice.
MOS INTEGRATED CIRCUIT
DATA SHEET
The mark 5 shows major revised points.


Similar Part No. - UPD75336

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD75336 RENESAS-UPD75336 Datasheet
596Kb / 70P
MOS INTEGRATED CIRCUIT
1991
More results

Similar Description - UPD75336

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75206 NEC-UPD75206 Datasheet
489Kb / 62P
4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75216A NEC-UPD75216A Datasheet
530Kb / 72P
4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75218 NEC-UPD75218 Datasheet
531Kb / 62P
4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75516 NEC-UPD75516 Datasheet
535Kb / 70P
4-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
HD404639R RENESAS-HD404639R Datasheet
460Kb / 135P
4-Bit Single-Chip Microcomputer
HD404849 RENESAS-HD404849 Datasheet
449Kb / 127P
4-Bit Single-Chip Microcomputer
logo
Epson Company
S1C63408 EPSON-S1C63408 Datasheet
170Kb / 3P
4-bit Single Chip Microcomputer
S1C63567 EPSON-S1C63567 Datasheet
202Kb / 16P
4-bit Single Chip Microcomputer
S1C63632 EPSON-S1C63632 Datasheet
129Kb / 2P
4-bit Single Chip Microcomputer
S1C63658 EPSON-S1C63658 Datasheet
152Kb / 3P
4-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com