Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1610CS8 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1610CS8
Description  1.7MHz, Single Cell Micropower DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1610CS8 Datasheet(HTML) 3 Page - Linear Technology

  LT1610CS8 Datasheet HTML 1Page - Linear Technology LT1610CS8 Datasheet HTML 2Page - Linear Technology LT1610CS8 Datasheet HTML 3Page - Linear Technology LT1610CS8 Datasheet HTML 4Page - Linear Technology LT1610CS8 Datasheet HTML 5Page - Linear Technology LT1610CS8 Datasheet HTML 6Page - Linear Technology LT1610CS8 Datasheet HTML 7Page - Linear Technology LT1610CS8 Datasheet HTML 8Page - Linear Technology LT1610CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LT1610
ELECTRICAL C
C
HARA TERISTICS The q denotes specifications which apply over the specified temperature
range, otherwise specifications are at TA = 25°C. Commercial grade 0°C to 70°C, VIN = 1.5V, VSHDN = VIN, unless otherwise noted.
(Note 2)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Switch Current Limit
(Note 3)
450
600
900
mA
Switch VCESAT
ISW = 300mA
300
350
mV
q
400
mV
Switch Leakage Current
VSW = 5V
0.01
1
µA
SHDN Input Voltage High
1V
SHDN Input Voltage Low
0.3
V
SHDN Pin Bias Current
VSHDN = 3V
10
µA
VSHDN = 0V
0.01
0.1
µA
The q denotes specifications which apply over the specified temperature range, otherwise specifications are at TA = 25°C.
Industrial grade – 40
°C to 85°C, VIN = 1.5V, VSHDN = VIN, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Operating Voltage
TA = 85°C
0.9
1
V
TA = – 40°C
1.25
V
Maximum Operating Voltage
8V
Feedback Voltage
q
1.20
1.23
1.26
V
Quiescent Current
30
60
µA
Quiescent Current in Shutdown
VSHDN = 0V, VIN = 2V
0.01
0.5
µA
VSHDN = 0V, VIN = 5V
0.01
1.0
µA
FB Pin Bias Current
q
27
80
nA
Reference Line Regulation
2V
≤ VIN ≤ 8V (–40°C)
0.03
0.15
%/V
2V
≤ VIN ≤ 8V (85°C)
0.2
%/V
Error Amp Transconductance
∆I = 2µA25
µmhos
Error Amp Voltage Gain
100
V/V
Switching Frequency
(Note 4)
q
1.4
1.7
2
MHz
Maximum Duty Cycle
(Note 4)
77
80
95
%
q
75
95
%
Switch Current Limit
450
600
900
mA
Switch VCESAT
ISW = 300mA
300
350
mV
q
400
mV
Switch Leakage Current
VSW = 5V
0.01
1
µA
SHDN Input Voltage High
1V
SHDN Input Voltage Low
0.3
V
SHDN Pin Bias Current
VSHDN = 3V
10
µA
VSHDN = 0V
0.01
0.1
µA
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LT1610C is guaranteed to meet specified performance from
0
°C to 70°C and is designed, characterized and expected to meet these
extended temperature limits, but is not tested at – 40
°C and 85°C. The
LT1610I is guaranteed to meet the extended temperature limits.
Note 3: Current limit guaranteed by design and/or correlation to static test.
Current limit is affected by duty cycle due to ramp generator. See Block
Diagram.
Note 4: Not 100% tested at 85
°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com