Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1610CS8 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1610CS8
Description  1.7MHz, Single Cell Micropower DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1610CS8 Datasheet(HTML) 5 Page - Linear Technology

  LT1610CS8 Datasheet HTML 1Page - Linear Technology LT1610CS8 Datasheet HTML 2Page - Linear Technology LT1610CS8 Datasheet HTML 3Page - Linear Technology LT1610CS8 Datasheet HTML 4Page - Linear Technology LT1610CS8 Datasheet HTML 5Page - Linear Technology LT1610CS8 Datasheet HTML 6Page - Linear Technology LT1610CS8 Datasheet HTML 7Page - Linear Technology LT1610CS8 Datasheet HTML 8Page - Linear Technology LT1610CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LT1610
PIN FUNCTIONS
VC (Pin 1): Error Amplifier Output. Frequency compensa-
tion network must be connected to this pin, either internal
(COMP pin) or external series RC to ground. 220k
Ω/
220pF typical value.
FB (Pin 2): Feedback Pin. Reference voltage is 1.23V.
Connect resistive divider tap here. Minimize trace area at
FB. Set VOUT according to VOUT = 1.23V (1 + R1/R2).
SHDN (Pin 3): Shutdown. Ground this pin to turn off
device. Tie to 1V or more to enable.
PGND (Pin 4): Power Ground. Tie directly to local ground
plane.
SW (Pin 5): Switch Pin. Connect inductor/diode here.
Minimize trace area at this pin to keep EMI down.
VIN (Pin 6): Input Supply Pin. Must be locally bypassed.
GND (Pin 7): Signal Ground. Carries all device ground
current except switch current. Tie to local ground plane.
COMP (Pin 8): Internal Compensation Network. Tie to VC
pin, or let float if external compensation is used. Output
capacitor must be tantalum if COMP pin is used for com-
pensation.
BLOCK DIAGRA
FB
FB
BIAS
VC
R5
40k
1.7MHz
OSCILLATOR
RAMP
GENERATOR
FF
S
RQ
0.15
Ω
VIN
VIN
–
+
COMP
4
7
3
8
5
6
1
–
+
A = 3
VOUT
SW
GND
Q1
Q2
× 10
Q3
PGND
A2
1610 F02
SHDN
SHUTDOWN
ENABLE
COMPARATOR
DRIVER
R6
40k
R3
30k
R2
(EXTERNAL)
RC
CC
R4
140k
R1
(EXTERNAL)
–
+
A1
gm
2
Σ
Figure 2. LT1610 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com