Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1579CS Datasheet(PDF) 11 Page - Linear Technology

Part # LT1579CS
Description  300mA Dual Input Smart Battery Backup Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1579CS Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1579CS Datasheet HTML 7Page - Linear Technology LT1579CS Datasheet HTML 8Page - Linear Technology LT1579CS Datasheet HTML 9Page - Linear Technology LT1579CS Datasheet HTML 10Page - Linear Technology LT1579CS Datasheet HTML 11Page - Linear Technology LT1579CS Datasheet HTML 12Page - Linear Technology LT1579CS Datasheet HTML 13Page - Linear Technology LT1579CS Datasheet HTML 14Page - Linear Technology LT1579CS Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
LT1579
PIN FUNCTIONS
LBO1: This is the open collector output of the low-battery
comparator LB1. This output pulls low when the com-
parator input drops below the threshold voltage. The
LBO1 output voltage is 1V when sinking 5mA, dropping
to under 200mV at 20
µA (see curve of Logic Flag Voltage
vs Current in the Typical Performance Characteristics).
This makes the LBO1 pin equally useful in driving both
bipolar and CMOS logic inputs with the addition of an
external pull-up resistor. It is also capable of driving
higher current devices, such as LEDs. This pin is inter-
nally clamped to 7V and – 0.6V (one VBE). If unused, this
pin can be left open circuit. Device operation is unaffected
if this pin is not connected.
LBO2: This is the open collector output of the low-battery
comparator LB2. This output pulls low when the com-
parator input drops below the threshold voltage. The
LBO2 output voltage is 1V when sinking 5mA, dropping
to under 200mV at 20
µA (see curve of Logic Flag Voltage
vs Current in the Typical Performance Characteristics).
This makes the LBO2 pin equally useful in driving both
bipolar and CMOS logic inputs with the addition of an
external pull-up resistor. It is also capable of driving
higher current
devices, such as LEDs. This pin is
internally clamped to 7V and – 0.6V (one VBE). If unused,
this pin can be left open circuit. Device operation is
unaffected if this pin is not connected.
BLOCK DIAGRAM
–
+
+
–
LB1
–
+
LB2
1.5V REFERENCE
BIAS CURRENT
CONTROL
DROPOUT
DETECT
VIN1
VIN2
SHDN
SS
BIASCOMP
LBI1
LBI2
VOUT
ADJ
BACKUP
DROPOUT
LBO1
LBO2
OUTPUT DRIVER
CONTROL
WARNING
FLAGS
1579 • BD
E/A
INTERNAL
RESISTOR DIVIDER
FOR FIXED VOLTAGE
DEVICES ONLY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com