Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1579CS Datasheet(PDF) 3 Page - Linear Technology

Part # LT1579CS
Description  300mA Dual Input Smart Battery Backup Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1579CS Datasheet(HTML) 3 Page - Linear Technology

  LT1579CS Datasheet HTML 1Page - Linear Technology LT1579CS Datasheet HTML 2Page - Linear Technology LT1579CS Datasheet HTML 3Page - Linear Technology LT1579CS Datasheet HTML 4Page - Linear Technology LT1579CS Datasheet HTML 5Page - Linear Technology LT1579CS Datasheet HTML 6Page - Linear Technology LT1579CS Datasheet HTML 7Page - Linear Technology LT1579CS Datasheet HTML 8Page - Linear Technology LT1579CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
LT1579
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Regulated Output
LT1579-3
VIN1 = VIN2 = 3.5V, ILOAD = 1mA, TJ = 25°C
2.950
3.000
3.050
V
Voltage (Note 1)
4V < VIN1 < 20V, 4V < VIN2 < 20V, 1mA < ILOAD < 300mA
q
2.900
3.000
3.100
V
LT1579-3.3 VIN1 = VIN2 = 3.8V, ILOAD = 1mA, TJ = 25°C
3.250
3.300
3.350
V
4.3V < VIN1 < 20V, 4.3V < VIN2 < 20V, 1mA < ILOAD < 300mA
q
3.200
3.300
3.400
V
LT1579-5
VIN1 = VIN2 = 5.5V, ILOAD = 1mA, TJ = 25°C
4.925
5.000
5.075
V
6V < VIN1 < 20V, 6V < VIN2 < 20V, 1mA < ILOAD < 300mA
q
4.850
5.000
5.150
V
Adjust Pin Voltage
LT1579
VIN1 = VIN2 = 3.2V, ILOAD = 1mA, TJ = 25°C (Note 2)
1.475
1.500
1.525
V
3.7V < VIN1 < 20V, 3.7V < VIN2 < 20V, 1mA < ILOAD < 300mA
q
1.450
1.500
1.550
V
Line Regulation
LT1579-3
∆VIN1 = 3.5V to 20V, ∆VIN2 = 3.5V to 20V, ILOAD = 1mA
q
1.5
10
mV
LT1579-3.3
∆VIN1 = 3.8V to 20V, ∆VIN2 = 3.8V to 20V, ILOAD = 1mA
q
1.5
10
mV
LT1579-5
∆VIN1 = 5.5V to 20V, ∆VIN2 = 5.5V to 20V, ILOAD = 1mA
q
1.5
10
mV
LT1579
∆VIN1 = 3.2V to 20V, ∆VIN2 = 3.2V to 20V, ILOAD = 1mA (Note 2)
q
1.5
10
mV
Load Regulation
LT1579-3
VIN1 = VIN2 = 4V, ∆ILOAD = 1mA to 300mA, TJ = 25°C
3
12
mV
VIN1 = VIN2 = 4V, ∆ILOAD = 1mA to 300mA
q
25
mV
LT1579-3.3 VIN1 = VIN2 = 4.3V, ∆ILOAD = 1mA to 300mA, TJ = 25°C
3
12
mV
VIN1 = VIN2 = 4.3V, ∆ILOAD = 1mA to 300mA
q
25
mV
LT1579-5
VIN1 = VIN2 = 6V, ∆ILOAD = 1mA to 300mA, TJ = 25°C
5
15
mV
VIN1 = VIN2 = 6V, ∆ILOAD = 1mA to 300mA
q
35
mV
LT1579
VIN1 = VIN2 = 3.7V, ∆ILOAD = 1mA to 300mA, TJ = 25°C (Note 2)
2
10
mV
VIN1 = VIN2 = 3.7V, ∆ILOAD = 1mA to 300mA
q
20
mV
Dropout Voltage
ILOAD = 10mA, TJ = 25°C
0.10
0.28
V
(Notes 3, 4)
ILOAD = 10mA
q
0.39
V
VIN1 = VIN2 =
ILOAD = 50mA, TJ = 25°C
0.18
0.35
V
VOUT(NOMINAL)
ILOAD = 50mA
q
0.45
V
ILOAD = 150mA, TJ = 25°C
0.25
0.47
V
ILOAD = 150mA
q
0.60
V
ILOAD = 300mA, TJ = 25°C
0.34
0.60
V
ILOAD = 300mA
q
0.75
V
Ground Pin Current
ILOAD = 0mA, TJ = 25°C
50
100
µA
(Note 5)
ILOAD = 0mA
q
400
µA
VIN1 = VIN2 =
ILOAD = 1mA, TJ = 25°C
100
200
µA
VOUT(NOMINAL) + 1V
ILOAD = 1mA
q
500
µA
ILOAD = 50mA
q
0.7
1.5
mA
ILOAD = 150mA
q
24
mA
ILOAD = 300mA
q
5.8
12
mA
Standby Current
IVIN2: VIN1 = 20V, VIN2 = VOUT(NOMINAL) + 0.5V, VSS = Open (HI)
q
3.3
7.0
µA
(Note 6) ILOAD = 0mA
IVIN1: VIN1 = VOUT(NOMINAL) + 0.5V, VIN2 = 20V, VSS = 0V
q
2.0
7.0
µA
Shutdown Threshold
VOUT = Off to On
q
0.9
2.8
V
VOUT = On to Off
q
0.25
0.75
V
Shutdown Pin Current
VSHDN = 0V
q
1.3
5
µA
(Note 7)
Quiescent Current in
IVIN1: VIN1 = 20V, VIN2 = 6V, VSHDN = 0V
q
512
µA
Shutdown (Note 9)
IVIN2: VIN1 = 6V, VIN2 = 20V, VSHDN = 0V
q
512
µA
ISRC: VIN1 = VIN2 = 20V, VSHDN = 0V
3
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com