Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1631CS Datasheet(PDF) 8 Page - Linear Technology

Part # LT1631CS
Description  30MHz, 10V/us, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1631CS Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1631CS Datasheet HTML 4Page - Linear Technology LT1631CS Datasheet HTML 5Page - Linear Technology LT1631CS Datasheet HTML 6Page - Linear Technology LT1631CS Datasheet HTML 7Page - Linear Technology LT1631CS Datasheet HTML 8Page - Linear Technology LT1631CS Datasheet HTML 9Page - Linear Technology LT1631CS Datasheet HTML 10Page - Linear Technology LT1631CS Datasheet HTML 11Page - Linear Technology LT1631CS Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LT1630/LT1631
TYPICAL PERFORMANCE CHARACTERISTICS
Input Bias Current vs
Common Mode Voltage
INPUT OFFSET VOLTAGE (
µV)
–500
50
40
30
20
10
0
300
1630/31 G34
–300
–100
100
500
VS = 5V, 0V
Supply Current vs Supply Voltage
Input Bias Current vs Temperature
VOS Distribution, VCM = 0V
(PNP Stage)
INPUT OFFSET VOLTAGE (
µV)
–500
50
40
30
20
10
0
300
1630/31 G32
–300
–100
100
500
VS = 5V, 0V
VCM = 0V
INPUT OFFSET VOLTAGE (
µV)
–500
50
40
30
20
10
0
300
1630/31 G33
–300
–100
100
500
VS = 5V, 0V
VCM = 5V
∆VOS Shift for VCM = 0V to 5V
VOS Distribution, VCM = 5V
(NPN Stage)
TOTAL SUPPLY VOTAGE (V)
04
36
1630/31 G01
812
16
20
24
28
32
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
TA = 125°C
TA = –55°C
TA = 25°C
TEMPERATURE (
°C)
–75
0
1630/31 G02
–50 –25
25
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
50
75
125
100
VS = ±15V
VS = 5V, 0V
Supply Current vs Temperature
COMMON MODE VOLTAGE (V)
–2
23456
1630/31 G03
–1
0
1
600
400
200
0
–200
–400
–600
–800
–1000
TA = 125°C
VS = 5V, 0V
TA = 25°C
TA = –55°C
TEMPERATURE (
°C)
–50
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
70
1630/31 G04
–20
10
40
–35
85
–5
25
55
100
VS = 5V, 0V
VCM = 0V
VS = ±15V
VCM = 15V
VS = ±15V
VCM = –15V
VS = 5V, 0V
VCM = 5V
Output Saturation Voltage vs
Load Current (Output Low)
LOAD CURRENT (mA)
0.01
1
10
100
1630/31 G05
0.1
10
1
0.1
0.01
VS = 5V, 0V
TA = –55°C
TA = 125°C
TA = 25°C
LOAD CURRENT (mA)
0.01
1
10
100
1630/31 G06
0.1
10
1
0.1
0.01
VS = 5V, 0V
TA = –55°C
TA = 125°C
TA = 25°C
Output Saturation Voltage vs
Load Current (Output High)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com