Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1631CS Datasheet(PDF) 16 Page - Linear Technology

Part # LT1631CS
Description  30MHz, 10V/us, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1631CS Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1631CS Datasheet HTML 8Page - Linear Technology LT1631CS Datasheet HTML 9Page - Linear Technology LT1631CS Datasheet HTML 10Page - Linear Technology LT1631CS Datasheet HTML 11Page - Linear Technology LT1631CS Datasheet HTML 12Page - Linear Technology LT1631CS Datasheet HTML 13Page - Linear Technology LT1631CS Datasheet HTML 14Page - Linear Technology LT1631CS Datasheet HTML 15Page - Linear Technology LT1631CS Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LT1630/LT1631
16301f LT/TP 0998 4K • PRINTED IN USA
© LINEAR TECHNOLOGY CORPORATION 1998
TYPICAL APPLICATIONS
RF Amplifier Control Biasing and DC Restoration
Taking advantage of the rail-to-rail input and output, and
the large output current capability of the LT1630, the
circuit, shown in Figure 6, provides precise bias currents
for the RF amplifiers and restores DC output level. To
ensure optimum performance of an RF amplifier, its bias
point must be accurate and stable over the operating
temperature range. The op amp A1 combined with Q1, Q2,
R1, R2 and R3 establishes two current sources of 21.5mA
to bias RF1 and RF2 amplifiers. The current of Q1 is
determined by the voltage across R2 over R1, which is
replicated in Q2. These current sources are stable and
precise over temperature and have a low dissipated power
due to a low voltage drop between their terminals. The
amplifier A2 is used to restore the DC level at the output.
With a large output current of the LT1630, the output can
be set at 1.5VDC on 5V supply and 50
Ω load. This circuit
has a 3dB bandwidth from 2MHz to 2GHz and a power gain
of 25dB.
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900q FAX:(408)434-0507 q www.linear-tech.com
A1
1/2 LT1630
VOUT
1630/31 F06
5V
5V
HP-MSA0785
HP-MSA0785
R3
10k
L1
220
µH
C5
0.01
µF
L2
220
µH
Q1
2N3906
Q2
2N3906
C6
0.01
µF
R5
50
Ω
R1
10
Ω
R2
453
Ω
R4
10
Ω
C3
1500pF
–
+
A2
1/2 LT1630
C4
1500pF
C2
1500pF
C1
0.01
µF
VIN
L4
3.9
µH
L3
3.9
µH
+
+
+
RF1
RF2
Figure 6. RF Amplifier Control Biasing and DC Restoration
RELATED PARTS
PART NUMBER
DESCRIPTON
COMMENTS
LT1211/LT1212
Dual/Quad 14MHz, 7V/
µs, Single Supply Precision Op Amps
Input Common Mode Includes Ground, 275
µV VOS(MAX),
6
µV/°C Max Drift, Max Supply Current 1.8mA per Op Amp
LT1213/LT1214
Dual/Quad 28MHz, 12V/
µs, Single Supply Precision Op Amps
Input Common Mode Includes Ground, 275
µV VOS(MAX),
6
µV/°C Max Drift, Max Supply Current 3.5mA per Op Amp
LT1215/LT1216
Dual/Quad 23MHz, 50V/
µs, Single Supply Precision Op Amps
Input Common Mode Includes Ground, 450
µV VOS(MAX),
6
µV/°C Max Drift, Max Supply Current 6.6mA per Op Amp
LT1498/LT1499
Dual/Quad 10MHz, 6V/
µs Rail-to-Rail Input and Output
High DC Accuracy, 475
µV VOS(MAX), 4µV/°C Max Drift,
C-Load
TM Op Amps
Max Supply Current 2.2mA per Amp
LT1632/LT1633
Dual/Quad 45MHz, 45V/
µs Rail-to-Rail Input and Output Op Amps
High DC Accuracy, 1.35mV VOS(MAX), 70mA Output Current,
Max Supply Current 5.2mA per Amp
C-Load is a trademark of Linear Technology Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com