Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1621IGN Datasheet(PDF) 8 Page - Linear Technology

Part # LT1621IGN
Description  Rail-to-Rail Current Sense Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1621IGN Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1621IGN Datasheet HTML 4Page - Linear Technology LT1621IGN Datasheet HTML 5Page - Linear Technology LT1621IGN Datasheet HTML 6Page - Linear Technology LT1621IGN Datasheet HTML 7Page - Linear Technology LT1621IGN Datasheet HTML 8Page - Linear Technology LT1621IGN Datasheet HTML 9Page - Linear Technology LT1621IGN Datasheet HTML 10Page - Linear Technology LT1621IGN Datasheet HTML 11Page - Linear Technology LT1621IGN Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LT1620/LT1621
APPLICATIONS INFORMATION
reduces battery charging current until the external load
subsides.
In Figure 4 the LT1620 is coupled with an LT1513 SEPIC
battery charger IC to create an input overcurrent protected
charger circuit.
The programming voltage (VCC – VPROG) is set to 1.0V
through a resistor divider (RP1 and RP2) from the 5V input
supply to ground. In this configuration, if the input current
drawn by the battery charger
combined with the system
load requirements exceeds a current limit threshold of 3A,
the battery charger current will be reduced by the LT1620
such that the total
input supply current is limited to 3A.
Refer to the LT1513 data sheet for additional information.
PROGRAMMING ACCURACY CONSIDERATIONS
PWM Controller Error Amp Maximum Source Current
In a typical battery charger application, the LT1620 con-
trols charge current by servoing the error amplifier output
pin of the associated PWM controller IC. Current mode
control is achieved when the LT1620 sinks all of the
current available from the error amplifier. Since the LT1620
has finite transconductance, the voltage required to gen-
erate its necessary output current translates to input
offset error. The LT1620 is designed for a typical IOUT sink
current of 130
µA to help reduce this term. Knowing the
current source capability of the associated PWM control-
ler in a given application will enable adjustment of the
required programming voltage to accommodate the de-
sired charge current. A plot of typical VPROG voltage offset
vs PWM source capability is shown in Figure 5a. For
example, the LTC1435 has a current source capability of
about 75
µA. This translates to about –15mV of induced
programming offset at VPROG (the absolute voltage at the
PROG pin must be 15mV lower).
VCC – VPROG Programmed Voltage ≠ 0.8V
The LT1620 sense amplifier circuit has an inherent input
referred 3mV offset when IN+ – IN– = 0V to insure closed-
loop operation during light load conditions. This offset vs
input voltage has a linear characteristic, crossing 0V as
IN+ – IN– = 80mV. The offset is translated to the AVG
output (times a factor of 10), and thus to the programming
voltage VPROG. A plot of typical VPROG offset voltage vs
IN+ – IN– is pictured in Figure 5b. For example, if the
desired load current corresponds to 100mV across the
sense resistor, the typical offset, at VPROG is 7.5mV (the
absolute voltage at the PROG pin must be 7.5mV higher).
This error term should be taken into consideration when
using VID values significantly away from 80mV.
VCC – VPROG2 Programmed Voltage ≠ 1.6V
(LT1620GN Only)
The offset term described above for VPROG also affects the
VPROG2 programming voltage proportionally (times an addi-
tional factor of 2). However, VPROG2 voltage is typically set
well below the zero offset point of 1.6V, so adjustment for this
term is usually required. A plot of typical VPROG2 offset
voltage vs IN+ – IN– is pictured in Figure 5c. For example,
setting the VPROG2 voltage to correspond to IN+ – IN–= 15mV
typically requires an additional –50mV offset (the absolute
voltage at the PROG2 pin must be 50mV lower).
Sense Amplifier Input Common Mode < (VCC – 0.5V)
The LT1620 sense amplifier has additional input offset
tolerance when the inputs are pulled significantly below
the VCC supply. The amplifier can induce additional input
referred offset of up to 11mV when the inputs are at 0V
common-mode. This additional offset term reduces roughly
linearly to zero when VCM is about VCC – 0.5V. In typical
applications, this offset increases the charge current tol-
erance for “cold start” conditions until VBAT moves away
from ground. The resulting output current shift is generally
negative; however, this offset is not precisely controlled.
Precision operation should not be attempted with sense
amplifier common mode inputs below VCC – 0.5V. Input
referred offset tolerance vs VCM is shown in Figure 5d.
VCC ≠ 5V
The LT1620 sense amplifier induces a small additional
offset when VCC moves away from 5V. This offset follows
a linear characteristic and amounts to about
±0.33mV
(input-referred) over the recommended operating range
of VCC, centered at 5V. This offset is translated to the AVG
and AVG2 outputs (times factors of 10 and 20), and thus
to the programming voltages. A plot of programming
offsets vs VCC is shown in Figure 5e.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com