Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1621IGN Datasheet(PDF) 12 Page - Linear Technology

Part # LT1621IGN
Description  Rail-to-Rail Current Sense Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1621IGN Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1621IGN Datasheet HTML 4Page - Linear Technology LT1621IGN Datasheet HTML 5Page - Linear Technology LT1621IGN Datasheet HTML 6Page - Linear Technology LT1621IGN Datasheet HTML 7Page - Linear Technology LT1621IGN Datasheet HTML 8Page - Linear Technology LT1621IGN Datasheet HTML 9Page - Linear Technology LT1621IGN Datasheet HTML 10Page - Linear Technology LT1621IGN Datasheet HTML 11Page - Linear Technology LT1621IGN Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LT1620/LT1621
©LINEAR TECHNOLOGY CORPORATION 1996
16201f LT/GP 0197 7K • PRINTED IN USA
TYPICAL APPLICATION
Electronic Circuit Breaker
AVG
PROG
VCC
+IN
SENSE
LT1620MS8
1
2
3
4
8
7
IOUT
GND
–IN
6
5
4.7k
33k
100k
33k
CDELAY
0.1
µF
5V
0.033
Ω
5V AT 1A
PROTECTED
FAULT
LT1620/21 • TA03
1N4148
2N3904
1k
2N3904
Si9434DY
100
Ω
TYPICAL DC TRIP AT 1.6A
3A FAULT TRIPS
IN 2ms WITH CDELAY = 1.0µF
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC®1435
High Efficiency Low Noise Synchronous Step-Down
16-Pin Narrow SO and SSOP, VIN ≤ 36V, Programmable
Switching Regulator
Constant Frequency
LTC1436/LTC1436-PPL/ High Efficiency Low Noise Synchronous Step-Down
Full-Featured Single Controller, VIN ≤ 36V, Programmable
LTC1437
Switching Regulator Controllers
Constant Frequency
LTC1438/LTC1439
Dual High Efficiency Low Noise Synchronous Step-Down
Full-Featured Dual Controllers, VIN ≤ 36V, Programmable
Switching Regulators
Constant Frequency
LT1510
1.5A Constant-Current/Constant-Voltage Battery Charger
Step-Down Charger for Li-Ion, NiCd and NiMH
LT1511
3.0A Constant-Current/Constant-Voltage Battery Charger
Step-Down Charger that Allows Charging During Computer
with Input Current Limiting
Operation and Prevents Wall-Adapter Overload
LT1512
SEPIC Constant-Current/Constant-Voltage Battery Charger Step-Up/Step-Down Charger for up to 1A Charging Current
LT1513
SEPIC Constant-Current/Constant-Voltage Battery Charger Step-Up/Step-Down Charger for up to 2A Charging Current
LTC1538-AUX
Dual High Efficiency Low Noise Synchronous Step-Down
5V Standby in Shutdown, VIN ≤ 36V, Programmable
Switching Regulator
Constant Frequency
LTC1539
Dual High Efficiency Low Noise Synchronous Step-Down
5V Standby in Shutdown, VIN ≤ 36V, Programmable
Switching Regulator
Constant Frequency
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417q (408)432-1900
FAX: (408) 434-0507q TELEX: 499-3977 q www.linear-tech.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com