Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1636CS8 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1636CS8
Description  Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1636CS8 Datasheet(HTML) 1 Page - Linear Technology

  LT1636CS8 Datasheet HTML 1Page - Linear Technology LT1636CS8 Datasheet HTML 2Page - Linear Technology LT1636CS8 Datasheet HTML 3Page - Linear Technology LT1636CS8 Datasheet HTML 4Page - Linear Technology LT1636CS8 Datasheet HTML 5Page - Linear Technology LT1636CS8 Datasheet HTML 6Page - Linear Technology LT1636CS8 Datasheet HTML 7Page - Linear Technology LT1636CS8 Datasheet HTML 8Page - Linear Technology LT1636CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LT1636
Over-The-Top
Micropower Rail-to-Rail
Input and Output Op Amp
s
Rail-to-Rail Input and Output
s
Micropower: 50
µA IQ, 44V Supply
s
MSOP Package
s
Over-The-Top
TM: Input Common Mode Range
Extends 44V Above VEE, Independent of VCC
s
Low Input Offset Voltage: 225
µV Max
s
Specified on 3V, 5V and
±15V Supplies
s
High Output Current: 18mA
s
Output Shutdown
s
Output Drives 10,000pF with Output Compensation
s
Reverse Battery Protection to 27V
s
High Voltage Gain: 2000V/mV
s
High CMRR: 110dB
s
220kHz Gain-Bandwidth Product
The LT
®1636 op amp operates on all single and split supplies
with a total voltage of 2.7V to 44V drawing less than 50
µA of
quiescent current. The LT1636 can be shut down, making the
output high impedance and reducing the quiescent current to
4
µA. The LT1636 has a unique input stage that operates and
remainshighimpedancewhenabovethepositivesupply.The
inputs take 44V both differential and common mode, even
when operating on a 3V supply. The output swings to both
supplies. Unlike most micropower op amps, the LT1636 can
drive heavy loads; its rail-to-rail output drives 18mA. The
LT1636 is unity-gain stable into all capacitive loads up to
10,000pF when a 0.22
µF and 150Ω compensation network
is used.
The LT1636 is reverse supply protected: it draws no current
for reverse supply up to 27V. Built-in resistors protect the
inputs for faults below the negative supply up to 22V. There
is no phase reversal of the output for inputs 5V below VEE or
44V above VEE, independent of VCC.
The LT1636 op amp is available in the 8-pin MSOP, PDIP and
SO packages.
, LTC and LT are registered trademarks of Linear Technology Corporation.
Over-The-Top is a trademark of Linear Technology Corporation.
COMMON MODE VOLTAGE (V)
4.0
–10
0
20
30
40
5.2 10 20 30 40
5000
1636 G03
10
4.4
4.8
50
1000
3000
VS = 5V, 0V
TA = –55°C
TA = 125°C
TA = 25°C
Input Bias Current vs Common Mode Voltage
Over-The-Top Current Source with Shutdown
SHDN
IOUT
LT1004-1.2
1M
*OPTIONAL FOR LOW OUTPUT CURRENTS
4V TO
44V
R
J176
1636 TA01
R*
–
+
LT1636
IOUT =
e.g., 10mA = 120
Ω
1.2
R
s
Battery- or Solar-Powered Systems
Portable Instrumentation
Sensor Conditioning
s
Supply Current Sensing
s
Battery Monitoring
s
MUX Amplifiers
s
4mA to 20mA Transmitters
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LT1636CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1636CS8 LINER-LT1636CS8 Datasheet
393Kb / 16P
Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
More results

Similar Description - LT1636CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1490A LINER-LT1490A Datasheet
201Kb / 12P
Dual Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
LT1637 LINER-LT1637 Datasheet
254Kb / 12P
1.1MHz, 0.4V/us Over-The-Top Micropower, Rail-To-Rail Input and Output Op Amp
LT1782 LINER-LT1782 Datasheet
212Kb / 12P
Micropower, Over-The-Top SOT-23, Rail-to-Rail Input and Output Op Amp
LT1783 LINER-LT1783 Datasheet
211Kb / 12P
1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
LT1636 LINER-LT1636_1 Datasheet
393Kb / 16P
Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
LT1782 LINER-LT1782_1 Datasheet
261Kb / 16P
Micropower, Over-The-Top SOT-23, Rail-to-Rail Input and Output Op Amp
LT1783IS5 LINER-LT1783IS5 Datasheet
164Kb / 16P
1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
LT1637 LINER-LT1637_15 Datasheet
362Kb / 16P
1.1MHz, 0.4V/s Over-The-Top Micropower, Rail-To-Rail Input and Output Op Amp
LT1636 LINER-LT1636_15 Datasheet
398Kb / 16P
Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
LT1782 LINER-LT1782_15 Datasheet
519Kb / 16P
Micropower, Over-The-Top SOT-23, Rail-to-Rail Input and Output Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com