Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1636CS8 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1636CS8
Description  Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1636CS8 Datasheet(HTML) 4 Page - Linear Technology

  LT1636CS8 Datasheet HTML 1Page - Linear Technology LT1636CS8 Datasheet HTML 2Page - Linear Technology LT1636CS8 Datasheet HTML 3Page - Linear Technology LT1636CS8 Datasheet HTML 4Page - Linear Technology LT1636CS8 Datasheet HTML 5Page - Linear Technology LT1636CS8 Datasheet HTML 6Page - Linear Technology LT1636CS8 Datasheet HTML 7Page - Linear Technology LT1636CS8 Datasheet HTML 8Page - Linear Technology LT1636CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LT1636
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
N8 Package
100
450
µV
0
°C ≤ TA ≤ 70°C
q
550
µV
–40
°C ≤ TA ≤ 85°C
q
700
µV
S8 Package
100
450
µV
0
°C ≤ TA ≤ 70°C
q
750
µV
–40
°C ≤ TA ≤ 85°C
q
900
µV
MS8 Package
100
450
µV
0
°C ≤ TA ≤ 70°C
q
850
µV
–40
°C ≤ TA ≤ 85°C
q
1000
µV
Input Offset Voltage Drift (Note 8)
N8 Package, – 40
°C ≤ TA ≤ 85°C
q
1
4
µV/°C
S8 Package, – 40
°C ≤ TA ≤ 85°C
q
2
8
µV/°C
MS8 Package, – 40
°C ≤ TA ≤ 85°C
q
210
µV/°C
IOS
Input Offset Current
q
0.2
1.0
nA
IB
Input Bias Current
q
410
nA
Input Noise Voltage
0.1Hz to 10Hz
1
µVP-P
en
Input Noise Voltage Density
f = 1kHz
52
nV/
√Hz
in
Input Noise Current Density
f = 1kHz
0.035
pA/
√Hz
RIN
Input Resistance
Differential
5.2
13
M
Ω
Common Mode, VCM = – 15V to 14V
12000
M
Ω
CIN
Input Capacitance
4pF
Input Voltage Range
q
–15
29
V
CMRR
Common Mode Rejection Ratio
VCM = – 15V to 29V
q
86
103
dB
AVOL
Large-Signal Voltage Gain
VO = ±14V, RL = 10k
100
500
V/mV
0
°C ≤ TA ≤ 70°C
q
75
V/mV
–40
°C ≤ TA ≤ 85°C
q
50
V/mV
VOL
Output Voltage Swing LOW
No Load
q
– 14.997
– 14.95
V
ISINK = 5mA
q
– 14.500
– 14.07
V
ISINK = 10mA
q
– 14.125
– 13.35
V
VOH
Output Voltage Swing HIGH
No Load
q
14.9
14.975
V
ISOURCE = 5mA
q
14.5
14.750
V
ISOURCE = 10mA
q
14.3
14.650
V
ISC
Short-Circuit Current (Note 2)
Short to GND
±18
±30
mA
0
°C ≤ TA ≤ 70°C
q
±15
mA
–40
°C ≤ TA ≤ 85°C
q
±10
mA
PSRR
Power Supply Rejection Ratio
VS = ±1.35V to ±22V
q
90
114
dB
IS
Supply Current
50
70
µA
q
85
µA
Positive Supply Current, SHDN
VPIN5 = – 20V, VS = ±22V, No Load
q
12
30
µA
ISHDN
Shutdown Pin Current
VPIN5 = – 21.7V, VS = ±22V, No Load
q
0.7
15
nA
VPIN5 = – 20V, VS = ±22V, No Load
q
1.2
8
µA
Maximum Shutdown Pin Current
VPIN5 = 32V, VS = ±22V
q
27
150
µA
Output Leakage Current
VPIN5 = – 20V, VS = ±22V, No Load
q
0.1
2
µA
GBW
Gain Bandwidth Product
f = 1kHz
125
220
kHz
0
°C ≤ TA ≤ 70°C
q
110
kHz
–40
°C ≤ TA ≤ 85°C
q
100
kHz
±15V ELECTRICAL CHARACTERISTICS
VS = ±15V, VCM = 0V, VOUT = 0V, Pin 5 = open or VEE, Pins 1 and 8 open, TA = 25°C unless otherwise noted. (Note 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com