Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1680 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1680
Description  High Power DC/DC Step-Up Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1680 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1680 Datasheet HTML 8Page - Linear Technology LT1680 Datasheet HTML 9Page - Linear Technology LT1680 Datasheet HTML 10Page - Linear Technology LT1680 Datasheet HTML 11Page - Linear Technology LT1680 Datasheet HTML 12Page - Linear Technology LT1680 Datasheet HTML 13Page - Linear Technology LT1680 Datasheet HTML 14Page - Linear Technology LT1680 Datasheet HTML 15Page - Linear Technology LT1680 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LT1680
APPLICATIONS INFORMATION
This feature is implemented by referencing this pin via a
resistor divider from the 5VREF pin to ground. The addi-
tional slope compensation will be affected at the point in
the oscillator waveform (at pin CT) corresponding to the
voltage set by the resistor divider. Additional slope com-
pensation can be calculated using the relation:
S
f
RR
X
O
TH
SENSE
= ()( )
()(
)
2500
Amp/s
where RTH is the Thevenin resistance of the resistor
divider. Actual compensation will actually be somewhat
greater due to internal curvature correction circuitry that
imposes an exponential increase in the slope compensa-
tion waveform, further increasing the effective compensa-
tion slope up to 20% for a given setting.
Design example:
VIN = 20V
VOUT = 80V (DC = 0.75)
RSENSE = 0.01Ω
fO = 100kHz
L = 20
µH
The minimum inductor usable with no additional slope
compensation is:
L
V
H
MIN ≥
()
Ω
()(
)
(
)()()
=µ
20
0 01
1 5 1
0 084 100000 1 0 75
47 6
.. –
.– .
.
Since L = 20
µH is less than LMIN, additional slope
compensation is necessary. The total slope compensa-
tion required is:
S
V
H
X ≥
µ

()
=
20
20
15 1
10 75
210
6
.–
–.
()(
)
Amp/s
Subtracting the internally generated slope compensation
and solving for the required effective resistance at SL/ADJ
yields:
R
f
Rf
k
EQ
O
SENSE
O
≤
()( )
()
() (
)( )
=
2500
2 10
0 084
21 5
6
–.
.
S = 0.084
f
R
X
O
SENSE


Amp/s
where fO is oscillator frequency and RSENSE is the external
current sense resistor. This yields a minimum inductance
requirement of:
L
VR
DC
fDC
MIN
IN
SENSE
O
≥ ()(
)(
)
()( ) −
()
[]
21
0 084
1
–
.
A down side of slope compensation is that, since the IC
servo loop senses an increase in perceived inductor cur-
rent, the internal current limit functions are affected such
that the maximum current capability of a regulator is
reduced by the same amount as the effective current
referred slope compensation. The LT1680, however, uses
a current limit scheme that is independent of the slope
compensation effects (Average Current Limiting). This
provides operation at any duty cycle with no reduction in
current sourcing capability, provided ripple current peak
amplitude is less than 15% of the current limit value. For
example, if the converter is set up to average current limit
at 10A, as long as the peak inductor current is less than
11.5A, duty cycles up to 90% can be achieved without
compromising the average current limit value.
If an inductor smaller than the minimum required for
internal slope compensation (calculated above as LMIN) is
desired, additional slope compensation is necessary. The
LT1680 provides this capability through the SL/ADJ pin.
Figure 10. Maximum Peak Ripple Current (Normalized)
vs Duty Cycle for Average Current Limit
DUTY CYCLE
0
1.10
1.15
1.25
1.30
1.35
0.2 0.3 0.4 0.5 0.6 0.7 0.8
1680 F10
1.20
0.1
0.9
1.40
1.45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com