Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1680 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1680
Description  High Power DC/DC Step-Up Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1680 Datasheet(HTML) 2 Page - Linear Technology

  LT1680 Datasheet HTML 1Page - Linear Technology LT1680 Datasheet HTML 2Page - Linear Technology LT1680 Datasheet HTML 3Page - Linear Technology LT1680 Datasheet HTML 4Page - Linear Technology LT1680 Datasheet HTML 5Page - Linear Technology LT1680 Datasheet HTML 6Page - Linear Technology LT1680 Datasheet HTML 7Page - Linear Technology LT1680 Datasheet HTML 8Page - Linear Technology LT1680 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT1680
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
LT1680CN
LT1680CSW
LT1680IN
LT1680ISW
ORDER PART
NUMBER
1
2
3
4
5
6
7
8
TOP VIEW
SW PACKAGE
16-LEAD PLASTIC SO WIDE
N PACKAGE
16-LEAD PDIP
16
15
14
13
12
11
10
9
SL/ADJ
CT
IAVG
SS
VC
SGND
VFB
VREF
5VREF
SYNC
12VIN
GATE
PGND
RUN/SHDN
SENSE –
SENSE +
TJMAX = 125°C, θJA = 75°C/ W (N)
TJMAX = 125°C, θJA = 90°C/ W (SW)
Consult factory for Military grade parts.
(Note 1)
Power Supply Voltage (12VIN) .................. –0.3V to 20V
Sense Amplifier Input Common Mode ...... – 0.3V to 60V
GATE Pin Voltage ....................... – 0.3V to 12VIN + 0.3V
RUN/SHDN Pin Voltage ......................... – 0.3V to 12VIN
All Other Pin Voltages ................................. – 0.3V to 7V
5V Reference Output Current ............................... 65mA
Operating Ambient Temperature Range
LT1680C .................................................. 0
°C to 70°C
LT1680I .............................................. – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
ELECTRICAL CHARACTERISTICS
12VIN = 12V, VVC = 2V, VFB = VREF = 1.25V, CGATE = 3000pF, TA = 25°C unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supply and Protection
I12VIN
DC Active Supply Current (Note 2)
Gate Output On
q
15
22
mA
Gate Output Off
12
mA
DC Standby Supply Current
VRUN < 0.5V
q
65
110
µA
VRUN/SHDN Shutdown Rising Threshold
q
1.15
1.25
1.35
V
VSSHYST
Shutdown Threshold Hysteresis
15
mV
ISS
Soft Start Charge Current
q
58
14
µA
VUVLO
Undervoltage Lockout Threshold - Falling
q
8.20
9.00
9.75
V
Undervoltage Lockout Threshold - Rising
q
9.35
9.95
V
Undervoltage Lockout Hysteresis
q
200
350
mV
5V Reference
VREF5
5V Reference Voltage
Line, Load and Temperature
q
4.75
5
5.25
V
5V Reference Line Regulation
10V
≤ 12VIN ≤ 15V
q
3
5
mV/V
IREF5
5V Reference Load Range - DC
q
10
mA
Pulse
q
20
mA
5V Reference Load Regulation
0
≤ IREF5 ≤ 20mA
q
–1.25
– 2
V/A
ISC
5V Reference Short-Circuit Current
45
mA
Error Amplifier
VFB
Error Amplifier Reference Voltage
Measured at Feedback Pin
1.242
1.250
1.258
V
q
1.235
1.265
V
IFB
Feedback Input Current
VFB = VREF
q
0.1
0.5
1.0
µA
gm
Error Amplifier Transconductance
q
1200
2000
3200
µmho
AV
Error Amplifier Voltage Gain
q
1500
3000
V/V
IVC
Error Amplifier Source Current
q
200
275
µA
Error Amplifier Sink Current
VFB – VREF = 500mV
q
280
400
µA
VVC
Absolute VC Clamp Voltage
Measured at VC Pin
3.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com