Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS12L Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # SS12L
Description  Surface Mount Schottky Barrier Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SS12L Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  SS12L Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SS12L Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SS12L Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SS12L Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Min
Max
Min
Max
B
1.70
1.90
0.067
0.075
C
2.70
2.90
0.106
0.114
D
0.16
0.30
0.006
0.012
E
1.23
1.43
0.048
0.056
F
0.80
1.20
0.031
0.047
G
3.40
3.80
0.134
0.150
H
2.45
2.60
0.096
0.102
I
0.35
0.85
0.014
0.033
J
0.00
0.10
0.000
0.004
P/N
= Marking Code
G
= Green Compound
YW
= Date Code
F
= Factory Code
Document Number: DS_D1308028
Version: N13
SS12L thru SS115L
Taiwan Semiconductor
PACKAGE OUTLINE DIMENSIONS
DIM.
Unit (mm)
Unit (inch)
SUGGESTED PAD LAYOUT
Symbol
Unit (mm)
A1.4
B1.2
Unit (inch)
0.055
0.047
0.122
0.075
0.169
MARKING DIAGRAM
C3.1
D1.9
E4.3
1
10
100
1000
0.1
1
10
100
REVERSE VOLTAGE (V)
FIG. 5 TYPICAL JUNCTION CAPACITANCE
f=1.0MHz
Vslg=50mVp-p
0.1
1
10
100
0.01
0.1
1
10
100
T-PULSE DURATION(s)
FIG. 6 TYPICAL TRANSIENT THERMAL IMPEDANCE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com