Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS12L Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SS12L
Description  Surface Mount Schottky Barrier Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SS12L Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SS12L Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SS12L Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SS12L Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SS12L Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- Low power loss, high efficiency
- Ideal for automated placement
- Guardring for overvoltage protection
- High surge current capability
- Halogen-free according to IEC 61249-2-21 definition
Molding compound, UL flammability classification rating 94V-0
Base P/N with suffix "G" on packing code - halogen-free
Base P/N with prefix "H" on packing code - AEC-Q101 qualified
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test
with prefix "H" on packing code meet JESD 201 class 2 whisker test
12L
13L
14L
15L
16L
19L
10L
A5L
VRRM
20
30
40
50
60
90
100
150
V
VRMS
14
21
28
35
42
63
70
105
V
VDC
20
30
40
50
60
90
100
150
V
IF(AV)
A
8.0
dV/dt
V/μs
TJ
OC
TSTG
OC
Document Number: DS_D1308028
Version: N13
SS12L thru SS115L
Taiwan Semiconductor
Surface Mount Schottky Barrier Rectifier
FEATURES
- Moisture sensitivity level: level 1, per J-STD-020
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
MECHANICAL DATA
Case:
Sub SMA
Sub SMA
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Polarity:
Indicated by cathode band
Weight:
0.019 g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
Marking code
SS
15L
SS
16L
SS
19L
0.4
0.05
Maximum average forward rectified current
1
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
30
Typical thermal resistance
RθJL
RθJA
45
100
OC/W
Maximum instantaneous forward voltage (Note 1)
@ 0.5A
@ 1.0A
VF
V
Maximum reverse current @ rated VR TJ=25 ℃
TJ=100 ℃
TJ=125 ℃
IR
mA
Operating junction temperature range
Storage temperature range
- 55 to +150
Note 1: Pulse test with PW=300μs, 1% duty cycle
PARAMETER
SYMBOL
SS
12L
SS
13L
SS
14L
Voltage rate of change (Rated VR)
SS
110L
SS
115L
UNIT
0.385
0.45
0.43
0.50
0.51
0.55
0.58
0.70
0.70
0.80
0.75
0.90
A
6.0
-
-
0.5
- 55 to +125
- 55 to +150
10000


Similar Part No. - SS12L

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SS12L TSC-SS12L Datasheet
50Kb / 2P
1.0 AMP. Surface Mount Schottky Barrier Rectifiers
logo
Silicon Standard Corp.
SS12L SSC-SS12L Datasheet
232Kb / 3P
Schottky Barrier Rectifiers
logo
Pan Jit International I...
SS12L PANJIT-SS12L Datasheet
84Kb / 3P
LOW VF SURFACE MOUNT SCHOTTKY RECTIFIER
logo
Taiwan Semiconductor Co...
SS12L TSC-SS12L Datasheet
545Kb / 2P
1.0 AMP. Surface Mount Schottky Barrier Rectifiers
logo
Nanjing International G...
SS12L DGNJDZ-SS12L Datasheet
157Kb / 2P
1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SS12L

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com